Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE811 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STMPE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STMPE811_V01 Datasheet HTML 25Page - STMicroelectronics STMPE811_V01 Datasheet HTML 26Page - STMicroelectronics STMPE811_V01 Datasheet HTML 27Page - STMicroelectronics STMPE811_V01 Datasheet HTML 28Page - STMicroelectronics STMPE811_V01 Datasheet HTML 29Page - STMicroelectronics STMPE811_V01 Datasheet HTML 30Page - STMicroelectronics STMPE811_V01 Datasheet HTML 31Page - STMicroelectronics STMPE811_V01 Datasheet HTML 32Page - STMicroelectronics STMPE811_V01 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
STMPE811
Interrupt system
Doc ID 14489 Rev 5
29/66
ADC_INT_EN
ADC interrupt enable register
Address:
0x0E
Type:
R/W
Reset:
0x00
Description:
The ADC enable register enables the interruption of a particular ADC source to the
host.
ADC_INT_STA
ADC interrupt status register
Address:
0x0F
Type:
R
Reset:
0x00
Description:
The ADC interrupt status register monitors the status of the interruption from a
particular ADC source to the host. Regardless of whether or not the ADC_INT_EN
bits are enabled, the corresponding ADC_STA bits are still updated. The ISA[7:0] bits
are the interrupt status bits corresponding to the ADC[7:0] pins. Writing '1' to this
register clears the corresponding bits. Writing '0' has no effect.
7654
3
2
1
0
IEAC[x]
[7:0] IEAC[x]: Interrupt enable ADC mask (where x = 7 to 0)
1: Writing ‘1’ to the IE[x] bit enables the interruption to the host
7654
3
2
1
0
ISA[x]
[7:0] ISA[x]: ADC interrupt status (where x = 7 to 0)
Read:
Interrupt status of the ADC[x]. Reading the register clears any bits that have been set to '1'
Write:
Writing to this register has no effect.
Note: Refer to Table 13 for the associated ADC intput pins to each ADC channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com