Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE811 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STMPE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STMPE811_V01 Datasheet HTML 29Page - STMicroelectronics STMPE811_V01 Datasheet HTML 30Page - STMicroelectronics STMPE811_V01 Datasheet HTML 31Page - STMicroelectronics STMPE811_V01 Datasheet HTML 32Page - STMicroelectronics STMPE811_V01 Datasheet HTML 33Page - STMicroelectronics STMPE811_V01 Datasheet HTML 34Page - STMicroelectronics STMPE811_V01 Datasheet HTML 35Page - STMicroelectronics STMPE811_V01 Datasheet HTML 36Page - STMicroelectronics STMPE811_V01 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
STMPE811
Analog-to-digital converter
Doc ID 14489 Rev 5
33/66
ADC_DATA_CHn
ADC channel data registers
Address:
Add address
Type:
R/W
Reset:
0x0000
Description:
ADC data register 0-7 (DATA_CHn=0 -7)
The ADC in STMPE811 operates on an internal RC clock with a typical frequency of
6.5 MHz. The total conversion time in ADC mode depends on the "SampleTime" setting,
and the clock division field 'Freq'.
The following table shows the conversion time based on 6.5 MHz, 3.25 MHz and 1.625 MHz
clock.
11
10
987
6543
2
1
0
DATA[11:0]
[11:0] DATA[11:0]: ADC channel data
If TSC is enabled, CH3-0 is used for TSC and all readings to these channels give 0x0000
Table 14.
ADC conversion time
Sample time
setting
Conversion time
in ADC clock
6.5 MHz
(154 ns)
3.25 MHz
(308 ns)
1.625 MHz
(615 ns)
000
36
5.5 µs (180 kHz)
11 µs (90 kHz)
22 µs (45 kHz)
001
44
6.8 µs (147 kHz)
13.6 µs (74 kHz)
27 µs (36 kHz)
010
56
8.6 µs (116 kHz)
17.2 µs (58 kHz)
34.4 µs (29 kHz)
011
64
9.9 µs (101 kHz)
19.8 µs (51 kHz)
39.6 µs (25 kHz)
100
80
12.3 µs(81.5 kHz)
24.6 µs (41 kHz)
49.2 µs (20 kHz)
101
96
14.8 µs (67.6 kHz) 28.8 µs (33 kHz)
59.2 µs (17 kHz)
110
124
19.1 µs (52.3 kHz) 38.2 µs (26 kHz)
56.4 µs (13 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com