Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE811 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STMPE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STMPE811_V01 Datasheet HTML 32Page - STMicroelectronics STMPE811_V01 Datasheet HTML 33Page - STMicroelectronics STMPE811_V01 Datasheet HTML 34Page - STMicroelectronics STMPE811_V01 Datasheet HTML 35Page - STMicroelectronics STMPE811_V01 Datasheet HTML 36Page - STMicroelectronics STMPE811_V01 Datasheet HTML 37Page - STMicroelectronics STMPE811_V01 Datasheet HTML 38Page - STMicroelectronics STMPE811_V01 Datasheet HTML 39Page - STMicroelectronics STMPE811_V01 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
Touchscreen controller
STMPE811
36/66
Doc ID 14489 Rev 5
Oversampling and averaging function
The STMPE811 touchscreen controller can be configured to oversample by 2/4/8 times and
provide the averaged value as final output. This feature helps to reduce the effect of
surrounding noise.
Table 15.
Touchscreen controller register summary table
Address
Register name
Bit
Type
Function
0x40
TSC_CTRL
8
R/W
4-wire touchscreen controller setup
0x41
TSC_CFG
8
R/W
TSC configuration register
0x42
WDW_TR_X
16
R/W
Window setup for top right X
0x44
WDW_TR_Y
16
R/W
Window setup for top right Y
0x46
WDW_TR_X
16
R/W
Window setup for bottom left X
0x48
WDW_TR_Y
16
R/W
Window setup for bottom left Y
0x4A
FIFO_TH
8
R/W
FIFO level to generate interrupt
0x4B
FIFO_STA
8
R/W
Current status of FIFO
0x4C
FIFO_SIZE
8
R
Current filled level of FIFO
0x4D
TSC_DATA_X
16
R
Data port for TSC data access
0x4F
TSC_DATA_Y
16
R
Data port for TSC data access
0x51
TSC_DATA_Z
8
R
Data port for TSC data access
0x52
TSC_DATA_XYZ
32
R
Data port for TSC data access
0x56
TSC_FRACT_Z
8
R/W
Touchscreen controller FRACTION_Z
0x57
TSC_DATA
8
R
Touchscreen controller data access port
0x58
TSC_I_DRIVE
8
R/W
Touchscreen controller drive I
0x59
TSC_SHIELD
8
R/W
Touchscreen controller shield



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com