Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM1-6C1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HDM1-6C1
Description  ESD protection and signal booster for HDMI source control stage interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDM1-6C1 Datasheet(HTML) 5 Page - STMicroelectronics

  HDM1-6C1 Datasheet HTML 1Page - STMicroelectronics HDM1-6C1 Datasheet HTML 2Page - STMicroelectronics HDM1-6C1 Datasheet HTML 3Page - STMicroelectronics HDM1-6C1 Datasheet HTML 4Page - STMicroelectronics HDM1-6C1 Datasheet HTML 5Page - STMicroelectronics HDM1-6C1 Datasheet HTML 6Page - STMicroelectronics HDM1-6C1 Datasheet HTML 7Page - STMicroelectronics HDM1-6C1 Datasheet HTML 8Page - STMicroelectronics HDM1-6C1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Figure 5. Simplified view of the electrical parameters of the DDC block
5V_OUT
SDA
VDD_IC
SDA_IC
VTdown_IC
T RISE_BUS
Vtup_IC
70%
30%
VTdown_BUS
Vtup_BUS
VHYST_BUS
T FALL_BUS
t
t
Source IC drives
Sink drives through HDMI cable
VDD_5V
The HDMI standard specifies that the max capacitance of the cable can reach up to 700 pF. Knowing that the max
capacitance of the sink input can reach up to 50 pF, this means that the I2C buffer must be able to drive a load
capacitance up to 750 pF. On the other hand, the I2C standard specifies a maximum rise time (30%-70%) of the
signal must be lower than 1µs in order to keep the signal integrity. Taking into account the max cable capacitance
of 750 pF, it is not possible to guarantee a rise time lower than 1µs in the worst case.
Therefore, a dynamic pull-up has been integrated at the output of the SDA and the SCL lines and synchronized
with the I2C driver. This signal booster accelerates for a short period the charging time of the equivalent cable
capacitance, allowing driving any HDMI cable.
The Figure 6. Benefit of the dynamic pull-up on the DDC bus illustrates the benefit of the dynamic pull-up
integrated in the HDMI2C1-6C1 device.
HDMI2C1-6C1
DDC bus description
DS9943 - Rev 4
page 5/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com