Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM1-6C1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HDM1-6C1
Description  ESD protection and signal booster for HDMI source control stage interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDM1-6C1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HDM1-6C1 Datasheet HTML 2Page - STMicroelectronics HDM1-6C1 Datasheet HTML 3Page - STMicroelectronics HDM1-6C1 Datasheet HTML 4Page - STMicroelectronics HDM1-6C1 Datasheet HTML 5Page - STMicroelectronics HDM1-6C1 Datasheet HTML 6Page - STMicroelectronics HDM1-6C1 Datasheet HTML 7Page - STMicroelectronics HDM1-6C1 Datasheet HTML 8Page - STMicroelectronics HDM1-6C1 Datasheet HTML 9Page - STMicroelectronics HDM1-6C1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Figure 6. Benefit of the dynamic pull-up on the DDC bus
Signal on the cable
IC control
5V_OUT
VDD_IC
IC control
Signal on the cable
Rise time out of I2C specification
Risk of communication failure
Rise time compliant with I2C specification
Signal integrity even on 750pF load capacitance
RPU_BUS
5V_ OUT
HDMI™ cable model
750pF
RPU_BUS
5V_ OUT
HDMI™ cable model
750pF
I2C driver without dynamic pull-up
I2C driver with dynamic pull-up
In order to activate the DDC bus, both the following conditions must be respected: VDD_5V must be higher than
the VDD_ON threshold (see Table 3. Power supply characteristics (Tamb = 25 °C)), and all inputs and outputs
(SDA, SCL, SDA_IC, SCL_IC) must be set to a high level at the same time.
The DDC outputs (SCL and SDA on the cable side) integrate a protection against ESD, which is compliant with
IEC61000-4-2 standard, level 4 (8 kV contact).
HDMI2C1-6C1
DDC bus description
DS9943 - Rev 4
page 6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com