Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM1-6C1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HDM1-6C1
Description  ESD protection and signal booster for HDMI source control stage interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDM1-6C1 Datasheet(HTML) 2 Page - STMicroelectronics

  HDM1-6C1 Datasheet HTML 1Page - STMicroelectronics HDM1-6C1 Datasheet HTML 2Page - STMicroelectronics HDM1-6C1 Datasheet HTML 3Page - STMicroelectronics HDM1-6C1 Datasheet HTML 4Page - STMicroelectronics HDM1-6C1 Datasheet HTML 5Page - STMicroelectronics HDM1-6C1 Datasheet HTML 6Page - STMicroelectronics HDM1-6C1 Datasheet HTML 7Page - STMicroelectronics HDM1-6C1 Datasheet HTML 8Page - STMicroelectronics HDM1-6C1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
1
Functional description
The HDMI2C1-6C1 is a fully integrated ESD protection and signal conditioning device for the control stage of
HDMI transmitters (source).
The component offers two buffers, integrating signal conditioning dynamic pull-up on a DDC bus for maximum
system robustness and signal integrity. A bidirectional CEC block is integrated, able to wake-up the application
from standby mode (all power supply off, except the CEC power supply).
The +5 V supplied to the cable is protected against accidental surge current and short circuit. All these features
are provided in an 18 leads QFN package featuring natural PCB routing, cost optimization, and saving space on
the board.
The HDMI2C1-6C1 is a simple solution that provides HDMI designers with an easy and fast way to reach full
compliance with the stringent HDMI CTS on a wide temperature range. STMicroelectronics proposes also a large
range of high speed ESD protections and common mode filter (ECMF series) dedicated to the TMDS lanes giving
the flexibility to the designer to filter and protect these (high speed video link against ESD strikes and EMC
issues).
Figure 1. Pin configuration (bump side) pin out, top view
HDP_IC
SDA_IC
CEC_IC
SCL_IC
FAULT
SCL
GND
CEC
VDD_CEC
SDA
GND
HDMI2C1-6C1
Functional description
DS9943 - Rev 4
page 2/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com