Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM1-6C1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HDM1-6C1
Description  ESD protection and signal booster for HDMI source control stage interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDM1-6C1 Datasheet(HTML) 3 Page - STMicroelectronics

  HDM1-6C1 Datasheet HTML 1Page - STMicroelectronics HDM1-6C1 Datasheet HTML 2Page - STMicroelectronics HDM1-6C1 Datasheet HTML 3Page - STMicroelectronics HDM1-6C1 Datasheet HTML 4Page - STMicroelectronics HDM1-6C1 Datasheet HTML 5Page - STMicroelectronics HDM1-6C1 Datasheet HTML 6Page - STMicroelectronics HDM1-6C1 Datasheet HTML 7Page - STMicroelectronics HDM1-6C1 Datasheet HTML 8Page - STMicroelectronics HDM1-6C1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2
Application information
2.1
CEC line description
The CEC bus is described in the HDMI standards as the consumer electronics control. It provides control
functions between all the various audiovisual equipment chained in the user's environment.
The CEC block integrated in the HDMI2C1-6C1 implements a level shifter, shifting the cable CEC +3.3 V voltage
(VDD_CEC) down to the ASIC power supply voltage (VDD_IC) that can be as low as 1.8 V. The Figure 2 shows the
functional diagram of the integrated CEC block.
Figure 2. CEC link functional diagram
CEC_IC
VDD_CEC_IC
CEC
VDD_CEC
VDD_CEC_IC
VDD_CEC
CEC
driver
UVLO
Ctrl
circuit
Enable
HDMI
connector
decoupling
capacitance
In case of no activity on the bus, or if the CEC driver is off (VDD_CEC = 0), the output CEC pin is put in high-Z
mode (open circuit) protecting the circuitry and the application against hazardous backdrive.
The Figure 3 illustrates the normal operating mode of the CEC block when the IC from the source and when the
sink drives the communication.
Figure 3. CEC simplified
VDD_CEC_IC
CEC_IC
VDD_CEC
CEC
VTdown_CEC
VTup_CEC
VHYST_CEC
VDD_CEC_IC
CEC_IC
VDD_CEC
CEC
VIL_CEC_IC
VIH_CEC_IC
Block in high
impedance
Level shifting
Source IC drives
Sink drives through HDMI cable
Block in high
impedance
Block in high
impedance
Level shifting
Block in high
impedance
t
t
t
t
10%
90%
tFALL_CEC
tRISE_CEC
HDMI2C1-6C1
Application information
DS9943 - Rev 4
page 3/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com