Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFR1V152S Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUFR1V152S
Description  Radial Lead Type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1V152S Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUFR1V152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Aluminum Electrolytic Capacitors (Radial Lead Type)
*1: 100 kHz
Case size
(mm)
(øD×L)
+20 ℃
-10 ℃
+105 ℃
+20 ℃
-10 ℃
+105 ℃
FR-A series
Case size/ Impedance/ Ripple current
R. voltage
6.3 V to 35 V
50 V
Impedance*1
(Ω)
Ripple current*1
(mA rms)
Impedance*1
(Ω)
Ripple current*1
(mA rms)
Case size
(mm)
(øD×L)
250
6.3 × 11.2
0.130
0.430
455
0.140
0.460
405
5 × 11
0.300
1.000
280
0.340
1.130
870
8 × 15
0.041
0.123
1240
0.045
0.135
1140
8 × 11.5
0.056
0.168
950
0.061
0.183
1430
10 × 12.5
0.043
0.114
1290
0.042
0.126
1170
8 × 20
0.030
0.090
1560
0.033
0.099
1650
10 × 20
0.020
0.057
2180
0.023
0.069
1890
10 × 16
0.028
0.078
1790
0.030
0.090
2150
12.5 × 20
0.018
0.045
2600
0.022
0.055
2260
10 × 25
0.018
0.054
2470
0.022
0.066
2660
12.5 × 30
0.013
0.033
3630
0.016
0.040
3160
12.5 × 25
0.015
0.038
3190
0.018
0.045
3270
16 × 20
0.017
0.043
3300
0.019
0.048
2870
12.5 × 35
0.012
0.030
3750
0.014
0.035
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
28-Feb-20
R. voltage
63 V
Impedance*1
(Ω)
Ripple current*1
(mA rms)
16 × 25
0.014
0.035
3820
0.016
0.040
+20 ℃
-10 ℃
+105 ℃
5 × 11
0.510
2.040
175
3320
8 × 15
0.068
0.272
741
8 × 20
0.050
0.200
930
6.3 × 11.2
0.210
0.840
284
8 × 11.5
0.092
0.368
566
10 × 20
0.035
0.140
1229
10 × 25
0.033
0.132
1500
10 × 12.5
0.063
0.252
761
10 × 16
0.045
0.180
1073
12.5 × 20
0.027
0.125
1582
12.5 × 25
0.024
0.092
1995
0.033
10 × 20
0.084
0.336
1500
R. voltage
100 V
Impedance*1
(Ω)
Ripple current*1
(mA rms)
+20 ℃
-10 ℃
+105 ℃
Case size
(mm)
(øD×L)
0.024
0.093
2153
16 × 25
0.074
2988
12.5 × 30
0.021
0.082
2528
12.5 × 35
0.029
0.071
2780
16 × 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com