Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFR1V152S Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEUFR1V152S
Description  Radial Lead Type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1V152S Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEUFR1V152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Aluminum Electrolytic Capacitors (Radial Lead Type)
*1: Ripple current (100 kHz / +105 ℃)
*2: Impedance (100 kHz / +20 ℃)
・ When requesting taped product, please put the letter "B" or "H" be tween the "( )".
Lead wire pitch ✽B=5 mm, 7.5 mm, H=2.5 mm.
・ Please refer to the page of “Taping dimensions”.
FR-A series
Characteristics list
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
Case size
(mm)
Specification
Lead length (mm)
Part No.
Min. Packaging
Q'ty(PCS)
øD
Straight
leads
Taping
Straight Taping
✽B
Taping
✽H
L
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
Endu-
rance
(h)
Lead
dia.
(ød)
Lead space
EEUFR1C101( )
200 2000
EEUFR1C680( )
200 2000
11.0
5000
0.5
2.0
0.5
2.0
5.0
2.5
280
5000
0.300
0.300
5.0
11.0
2000
5000
0.5
2.5
5.0
5.0
EEUFR1C121( )
200
120
11.2
5000
0.5
2.5
6.3
455
2.5
6.3
455
0.130
EEUFR1C471( )
200
500
1000
EEUFR1C221( )
200 2000
470
11.5
6000
0.6
3.5
1000
EEUFR1C681( )
200
EEUFR1C681L( )
200
6000
0.6
5.0
8000
0.6
3.5
5.0
EEUFR1C102( )
200
500
EEUFR1C102L( )
200 1000
16.0
8000
0.6
5.0
9000
0.6
3.5
5.0
―
EEUFR1C152( )
200
20.0
10000
0.6
5.0
2180
―
―
10.0
2470
―
0.018
EEUFR1C152L( )
200
500
1800
25.0
10000
0.6
5.0
500
10.0
2470
5.0
EEUFR1C182L( )
200
1500
500
10000
0.6
5.0
5.0
500
500
EEUFR1C272( )
200
EEUFR1C222( )
200
2700
25.0
10000
0.6
5.0
250
10000
0.8
5.0
―
7.5
EEUFR1C332S( )
100
EEUFR1C332L
100
―
10000
0.8
7.5
―
10000
0.8
5.0
―
EEUFR1C392S( )
100
250
EEUFR1C392L
100
―
20.0
10000
0.8
7.5
EEUFR1C472( )
100
250
25.0
10000
0.8
―
10000
0.8
7.5
―
EEUFR1C472L
100
35.0
10000
0.8
5.0
3750
―
2000
11.0
5000
0.5
100
250
5000
0.5
2.0
7.5
EEUFR1C562( )
EEUFR1E470( )
200
2000
11.2
5000
0.5
200 2000
5000
0.5
2.5
2.0
5.0
2.5 EEUFR1E680( )
EEUFR1E101( )
200
1000
11.5
6000
0.6
200 2000
6000
0.6
3.5
2.5
5.0
2.5 EEUFR1E151( )
EEUFR1E221( )
200
0.130
0.056
1000
15.0
8000
0.6
3.5
200 1000
8000
0.6
3.5
5.0
3.5
EEUFR1E331( )
EEUFR1E391L( )
200
EEUFR1E471L( )
200 1000
12.5
6000
0.6
5.0
1000
9000
0.6
3.5
5.0
5.0
EEUFR1E471Y( )
200
200
8.0
1560
5.0
EEUFR1E471( )
10.0
1290
―
0.043
500
1000
16.0
8000
0.6
5.0
1000
9000
0.6
3.5
5.0
5.0
EEUFR1E561L( )
200
EEUFR1E681L( )
200
―
0.030
20.0
9000
0.6
3.5
25.0
10000
0.6
5.0
10.0
2470
5.0
EEUFR1E102( )
200
10.0
2180
―
20.0
10000
0.6
5.0
200
5.0
―
0.018
0.020
5.0
280
2.5
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
28-Feb-20
5.0
EEUFR1E152( )
200
500
EEUFR1E122L( )
200
500
20.0
10000
0.6
5.0
500
10000
0.6
―
10.0
1290
―
8.0
1240
680
2.5
8.0
950
12.5
5.0
5.0
―
0.130
0.056
0.041
0.043
11.2
15.0
10.0
1790
―
8.0
1560
0.028
0.020
0.018
5.0
10.0
0.030
20.0
25.0
5.0
16.0
3300
―
12.5
3630
0.017
30.0
―
12.5
3190
―
12.5
2600
20.0
0.018
0.015
0.013
5.0
20.0
10000
0.6
5.0
5.0
16.0
3820
―
―
16.0
3820
―
16.0
3300
―
12.5
3750 0.012
0.017
35.0
7.5
12.5
7.5
7.5
0.012
0.014
0.014
8.0
950
―
8.0
950
2.5
6.3
455
2.5
5.0
280
5.0
280
6.3
455
5.0
5.0
5.0
5.0
―
0.056
0.300
0.300
0.130
8.0
1560
―
―
8.0
1240
―
8.0
1240 0.041
0.041
0.030
10.0
2180
820
―
10.0
1790
―
8.0
1560
10000
0.6
5.0
5.0
5.0
―
0.030
0.028
0.020
12.5
3190
10000
16.0
3300
―
12.5
2600
―
10.0
2470
5.0
5.0
5.0
―
0.6
5.0
0.018
0.018
0.015
0.012
0.013
12.5
3630
10000
0.8
5.0
10000
0.8
7.5
16.0
3750
10000
3300
10000
0.017
20.0
35.0
0.017
10000
0.8
7.5
―
7.5
―
3820
3300
10000
0.8
7.5
7.5
0.017
0.014
EEUFR1E332( )
EEUFR1E182( )
EEUFR1E182S( )
EEUFR1E222L
EEUFR1E222S( )
EEUFR1E102L( )
―
250
250
200
100
100
100
100
100
100
500
250
―
250
500
EEUFR1E821( )
200
500
500
EEUFR1E681( )
EEUFR1E272L
EEUFR1E272S( )
0.8
5.0
―
―
―
0.8
―
7.5
―
7.5
―
7.5
200
20.0
25.0
68
100
220
20.0
20.0
25.0
25.0
20.0
30.0
25.0
11.0
11.2
11.5
15.0
20.0
5.0
16.0
16.0
12.5
1000
2700
2200
1800
1000
680
470
25
16
3300
1200
1500
330
390
5600
47
68
100
150
220
2200
4700
3900
3300
560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com