Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFR1V152S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUFR1V152S
Description  Radial Lead Type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1V152S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUFR1V152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Aluminum Electrolytic Capacitors
Radial Lead Type
● Endurance : 105 ℃ 5000 h to 10000 h
● Malaysia
● Low ESR (Same as FM Series)
● RoHS compliant
Unit:mm
FR-A series
Country of origin
Should a safety concern arise regarding this product, please be sure to contact us immediately.
28-Feb-20
1200 to 8200
I ≦ 0.01 CV (μA) After 2 minutes
Rated voltage range
Capacitance tolerance
±20 % (120 Hz / +20℃)
Leakage current
10
0.19
6.3
0.22
Within ±25 % of the initial value (6.3 V to 10 V : ±30 %)
Dissipation factor(tan δ)
≦ 200 % of the initial limit
Endurance
capacitors are restored to 20 ℃, the capacitors shall meet the limits specified bellow.
stabilized at +20 °C, capacitors shall meet the limits specified in endurance.
Shelf life
After storage for 1000 h at +105 ℃±2 ℃ with no voltage applied and then being
Features
Specifications
Capacitance range
4.7 μF to 8200 μF
Category temp. range
–40 ℃ to +105 ℃
6.3 V to 100 V
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
(With voltage treatment)
4.7 to 33
Cap.(μF)
Capacitance change
Freq.(Hz)
After following life test with DC voltage and +105 ℃±2 ℃ ripple current value applied
DC leakage current
Within the initial limit
Rated voltage(V)
Dissipation factor(tan δ)
For capacitance value ≧ 1000 μF, add 0.02 per every 1000 μF.
(The sum of DC and ripple peak voltage shall not exceed the rated working voltage) when the
Dissipation factor(tan δ)
Frequency correction factor for ripple current
16
100
0.08
(120 Hz /+20℃)
Duration
ø5×11, ø6.3×11.2 : 5000 h
50
63
0.16 0.14 0.12 0.10 0.09
25
35
0.45
0.60
0.65
0.75
0.55
0.75
ø8×11.5, ø10×12.5 : 6000 h (✽ Only EEUFR1V331U (ø10×12.5) 5000 h)
ø8×15, ø10×16 : 8000 h, ø8×20 : 9000 h
ø10×20 to ø10×25, ø12.5×20 to ø12.5×35, ø16×20 to ø16×25 : 10000 h
60
120
1 k
10 k
100 k
0.98
1.00
0.80
0.95
1.00
1.00
0.75
0.90
1.00
0.70
0.85
0.95
1.00
L
47 to 330
390 to 1000
Dimensions
øD
5.0
6.3
8.0
0.90
10.0
16.0
―
―
―
―
12.5 to 25
30 to 35
―
12.5
7.5
2.0
2.5
3.5
5.0
5.0
5.0
F
ød
0.5
0.5
0.6
0.6
0.6
0.8
0.8
Pressure relief
ø6.3≦
14min.
L*
Sleeve
3min.
øD±0.5
øD±0.5
* L ≦ 16:L±1.5
L ≧ 20:L±2.0
ø8
ø10 ≦


Similar Part No. - EEUFR1V152S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFR1V152S PANASONIC-EEUFR1V152S Datasheet
109Kb / 4P
Radial Lead Type
EEUFR1V152S PANASONIC-EEUFR1V152S Datasheet
120Kb / 5P
Aluminum Electrolytic Capacitors FR
EEUFR1V152S PANASONIC-EEUFR1V152S Datasheet
149Kb / 6P
Aluminum Electrolytic Capacitors/ FR
EEUFR1V152S PANASONIC-EEUFR1V152S Datasheet
119Kb / 5P
Aluminum Electrolytic Capacitors/ FR
EEUFR1V152S PANASONIC-EEUFR1V152S Datasheet
119Kb / 5P
Aluminum Electrolytic Capacitors/ FR
More results

Similar Description - EEUFR1V152S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
Radial Lead Type
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
Radial Lead Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com