Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFR1V152S Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # EEUFR1V152S
Description  Radial Lead Type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1V152S Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button EEUFR1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 9Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 10Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 11Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Aluminum Electrolytic Capacitors (Radial lead Type)
3.2 Electrical precautions
(1) Avoid touching the terminals of a capacitor as a possible electric shock could result. The exposed
aluminum case is not insulated and could also cause electric shock if touched.
(2) Avoid short circuiting the area between the capacitor terminals with conductive materials including liquids
such as acids or alkaline solutions.
(3) A low-molecular-weight-shiroxane which is included in a silicon material shall causes abnormal electrical
characteristics.
4. Emergency procedures
(1) If the pressure relief of the capacitor operates, immediately turn off the equipment and disconnect from
the power source.
This will minimize an additional damage caused by the vaporizing electrolyte.
(2) Avoid contact with the escaping electrolyte gas, which can exceed 100 ℃ temperatures.
If electrolyte or gas enters the eye, immediately flush the eye with large amounts of water.
If electrolyte or gas is ingested by mouth, gargle with water.
If electrolyte contacts the skin, wash with soap and water.
5. Long term storage
(1) Leakage current of a capacitor tends to increase after a long-term storage due to dielectric dissolution, and very
high current may flow at the first voltage load. However, applying voltage will form the dielectric, and the leakage
current will decrease. Expiration date is 42 months from outgoing inspection date for part numbers listed below,
and it is 12 month for part numbers not listed below.
Storage condition is to keep in room temperature (5 ℃ to 35 ℃) and humidity (45 % to 85 %) with no
direct sunshine.
(2)Environmental Conditions
Do not store under condition outside the area described in the specification, and also under conditions listed
below.
(a) Exposure to temperatures above the upper category or below the lower category temperature of the
capacitor.
(b) Direct contact with water, salt water, or oil.
(c) High humidity conditions where water could condense on the capacitor.
(d) Exposure to toxic gases such as hydrogen sulfide, sulfuric acid, nitric acid, chlorine, Chlorine compound,
Bromine, Bromine compound or ammonia.
(e) Exposure to ozone, radiation, or ultraviolet rays.
(f) Vibration and shock conditions exceeding specified requirements.
6. Capacitor disposal
When disposing capacitors, use one of the following methods.
(1) Incinerate after crushing the capacitor or puncturing the can wall (to prevent explosion due to internal
pressure rise).
(2) Dispose as solid waste.
NOTE : Local laws may have specific disposal requirements which must be followed.
■ AEC-Q200 compliant
The products are tested based on all or part of the test conditions and methods defined in AEC-Q200.
Please consult with Panasonic for the details of the product specification and specific evaluation test results,
etc., and please review and approve Panasonic's product specification before ordering.
01-Oct-21
FC-A, FK-A, HD-A, TA-A, TP-A
Series
42 months from outgoing
inspection date
Expiration date
The precautions in using aluminum electrolytic capacitors follow the "Safety application guide
for the use in fixedaluminum electrolytic capacitors for electronic equipment", RCR-2367D
issued by JEITA in October 2017.
Please refer to the above application guide for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com