Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV7RE20 Datasheet(PDF) 24 Page - Schneider Electric

Part # GV7RE20
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV7RE20 Datasheet(HTML) 24 Page - Schneider Electric

Back Button GV7RE20 Datasheet HTML 20Page - Schneider Electric GV7RE20 Datasheet HTML 21Page - Schneider Electric GV7RE20 Datasheet HTML 22Page - Schneider Electric GV7RE20 Datasheet HTML 23Page - Schneider Electric GV7RE20 Datasheet HTML 24Page - Schneider Electric GV7RE20 Datasheet HTML 25Page - Schneider Electric GV7RE20 Datasheet HTML 26Page - Schneider Electric GV7RE20 Datasheet HTML 27Page - Schneider Electric GV7RE20 Datasheet HTML 28Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
© 2001-2002 Schneider Electric All Rights Reserved
24
10/02
GV2 TRIP MODULE SPECIFICATIONS
Characteristics
Type
GV2AU
GV2AS
Rated insulation voltage (Ui)
conforming to IEC 60947-1
V
690
690
Operational voltage
conforming to IEC 60947-1
V
0.85-1.1 Ue
0.7-1.1 Ue
Drop-out voltage
V
0.35-0.7 Ue
0.2-0.75 Ue
Inrush consumption
VA
12
14
W8
10.5
Sealed consumption
VA
3.5
5
W1.1
1.6
Operating time
conforming to IEC 60947-1
msec
From the moment the voltage reaches its operational value until opening of the GV2
••10-15
On-load factor
100%
Wiring
Number of conductors and cross
Min
Max
sectional area (c.s.a.)
Solid cable
1-#16 to #12 AWG (1-2.5 mm2)
2-#16 to #12 AWG (1-2.5 mm2)
Flexible cable without cable end
1-#18 to #12 AWG (0.75-2.5 mm2)
2-#18 to #12 AWG (0.75-2.5 mm2)
Flexible cable with cable end
1-#18 to #14 AWG (0.75-1.5 mm2)
2-#18 to #14 AWG (0.75-1.5 mm2)
Tightening torque
12 lb-in (1.4 N•m) max
Mechanical life
(ops: closing-opening)
ops
100 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com