Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV7RE20 Datasheet(PDF) 16 Page - Schneider Electric

Part # GV7RE20
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV7RE20 Datasheet(HTML) 16 Page - Schneider Electric

Back Button GV7RE20 Datasheet HTML 12Page - Schneider Electric GV7RE20 Datasheet HTML 13Page - Schneider Electric GV7RE20 Datasheet HTML 14Page - Schneider Electric GV7RE20 Datasheet HTML 15Page - Schneider Electric GV7RE20 Datasheet HTML 16Page - Schneider Electric GV7RE20 Datasheet HTML 17Page - Schneider Electric GV7RE20 Datasheet HTML 18Page - Schneider Electric GV7RE20 Datasheet HTML 19Page - Schneider Electric GV7RE20 Datasheet HTML 20Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Accessories Selection
© 2001-2002 Schneider Electric All Rights Reserved
16
10/02
GV3 ACCESSORIES AND ENCLOSURES
Description
Characteristics
Voltage
Sold in Lots Of
Catalog
Number
Weight /
kg (lbs)
Voltage trips (1)
(internal mount)
Under voltage trips
110, 120, 127 V 50 Hz
120, 127 V 60 Hz
1
GV3B11
0.070 (0.15)
220, 240 V 50 Hz
240, 277 V 60 Hz
1
GV3B22
0.070 (0.15)
380, 415 V 50 Hz
480 V 60 Hz
1
GV3B38
0.070 (0.15)
Shunt trips
110, 120, 127 V 50 Hz
120, 127 V 60 Hz
1
GV3D11
0.070 (0.15)
220, 240 V 50 Hz
240, 277 V 60 Hz
1
GV3D22
0.070 (0.15)
380, 415 V 50 Hz
480 V 60 Hz
1
GV3D38
0.070 (0.15)
Instantaneous auxiliary
contact blocks
Normal early break type contacts N.C. + N.O.
1
GV3A01
0.060 (0.13)
(1 per GV3)
(side-mounted)
N.O. + N.O.
1
GV3A02
0.060 (0.13)
N.C. + N.O. + N.O.
1
GV3A03
0.070 (0.15)
N.O. + N.O. + N.O.
1
GV3A05
0.070 (0.15)
N.O. + N.O. + 2 spare terminal blocks
1
GV3A06
0.070 (0.15)
N.C. + N.O. + 2 spare terminal blocks
1
GV3A07
0.070 (0.15)
Fault signalling contacts (1)
N.C.
1
GV3A08
0.030 (0.70)
(internal mount)
N.O.
1
GV3A09
0.030 (0.70)
Padlocking device for Start button
5
GV1V02
0.010 (0.01)
(1) only 1 voltage trip OR 1 fault signalling contact may be added inside the GV3 device.
Metal Enclosure
Application
Type
Degree of Protection
of Enclosure
Catalog Number
Weight / kg (lbs)
For GV3 with or
without accessories
Surface mounting
IP 55
GV3CE01
2.000 (4.41)
Enclosure Accessories (to be ordered separately)
Description
Reference
Characteristics
Sold in Lots Of
Catalog
Number
Weight /
kg (lbs)
Neutral terminal, 2-pole
LA9D40959
0.001 (0.01)
IP 55 padlocking device for operators (when padlocked, the motor circuit is automatically in the Open (OFF) position)
GV1V01
0.044 (0.10)
Mushroom head
“stop” pushbutton (2)
Ø 40 mm, red
Spring return
1
GV1K01
0.052 (0.11)
Latching
Key release (key #455)
1
GV1K02
0.095 (0.21)
Turn to release
1
GV1K03
0.052 (0.11)
Sealing screw for enclosure cover
DE1DS4091
0.001 (0.01)
(2) Supplied with IP 55 sealing kit.
GV3B
GV1A01
GV3CE01
GV3CE01
GV3CE01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com