Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV7RE20 Datasheet(PDF) 44 Page - Schneider Electric

Part # GV7RE20
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV7RE20 Datasheet(HTML) 44 Page - Schneider Electric

Back Button GV7RE20 Datasheet HTML 40Page - Schneider Electric GV7RE20 Datasheet HTML 41Page - Schneider Electric GV7RE20 Datasheet HTML 42Page - Schneider Electric GV7RE20 Datasheet HTML 43Page - Schneider Electric GV7RE20 Datasheet HTML 44Page - Schneider Electric GV7RE20 Datasheet HTML 45Page - Schneider Electric GV7RE20 Datasheet HTML 46Page - Schneider Electric GV7RE20 Datasheet HTML 47Page - Schneider Electric GV7RE20 Datasheet HTML 48Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
© 2001-2002 Schneider Electric All Rights Reserved
44
10/02
GV7 OPERATING CURVES
The current limiting capacity of the motor starter and protector is expressed by two curves which give,
as a function of the prospective short-circuit current (the current which would flow if no protection
devices were installed):
• The actual peak current (limited),
• The thermal stress (in A2s), i.e. the energy dissipated by the short-circuit in a conductor with a
resistance of 1
Ω.
Example: The real value of a 70 kA prospective short-circuit current limited by a GV7RS220 is 20kA
peak, see page 46.
PRC = Cross-linked polyethylene
Example 1: For a GV7RS220, the peak value is limited to 20 kA for a prospective Isc of 40 kA.
Example 2: For a GV7RS220, and with a prospective Isc of 40 kA, an I2t of 7.5 x 105 A2s is obtained,
which requires the use of a PVC insulated copper cable with a cross-sectional area of 10
mm2 (# 8 AWG).
Permissible Thermal Stresses for Cables (A2s)
S (mm2)
1.5
2.5
4
6
1016253550
AWG
#16
#14
#12
#10
#8
#6
#4
#2
#1
PVC
Insulation
Cu
2.97 x 104
8.26 x 104
2.12 x 105
4.76 x 105
1.32 x 106
3.4 x 106
8.26 x 106
1.62 x 107
3.31 x 107
Al
–
–
5.41 x 105
1.39 x 106
3.38 x 106
6.64 x 106
1.35 x 107
––
PRC
Cu
4.10 x 104
1.39 x 105
2.92 x 105
6.56 x 105
1.82 x 106
4.69 x 106
1.39 x 107
2.23 x 107
4.56 x 107
Al
–
–
7.52 x 105
1.93 x 106
4.70 x 106
9.23 x 106
1.88 x 107
––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com