Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV7RE20 Datasheet(PDF) 11 Page - Schneider Electric

Part # GV7RE20
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV7RE20 Datasheet(HTML) 11 Page - Schneider Electric

Back Button GV7RE20 Datasheet HTML 7Page - Schneider Electric GV7RE20 Datasheet HTML 8Page - Schneider Electric GV7RE20 Datasheet HTML 9Page - Schneider Electric GV7RE20 Datasheet HTML 10Page - Schneider Electric GV7RE20 Datasheet HTML 11Page - Schneider Electric GV7RE20 Datasheet HTML 12Page - Schneider Electric GV7RE20 Datasheet HTML 13Page - Schneider Electric GV7RE20 Datasheet HTML 14Page - Schneider Electric GV7RE20 Datasheet HTML 15Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Accessories Selection
11
10/02
© 2001-2002 Schneider Electric All Rights Reserved
(1) To order an undervoltage trip: replace the dot (p) with a U, example: GVAU025. To order a shunt trip: replace the dot (p) with an S, example: GVAS025.
(2) Visible isolation of the 3 poles upstream of circuit-breaker GV2P and GV2L.
(3) Mounting of a GVAE contact block or a GV2AK00 visible isolation block on GV2P and GV2L.
Electric Trips
Description
Voltage
Hz
Catalog Number
Weight lb (kg)
Undervoltage or shunt trips (1)
Side
(1 block on RH side
of GV2)
24 V
50 Hz
GVAp025
0.23 (0.105)
60 Hz
GVAp026
0.23 (0.105)
48 V
50 Hz
GVAp055
0.23 (0.105)
60 Hz
GVAp056
0.23 (0.105)
100 V
50 Hz
GVAp107
0.23 (0.105)
100…110 V
60 Hz
GVAp107
0.23 (0.105)
110…115 V
50 Hz
GVAp115
0.23 (0.105)
60 Hz
GVAp116
0.23 (0.105)
120…127 V
50 Hz
GVAp125
0.23 (0.105)
127 V
60 Hz
GVAp115
0.23 (0.105)
200 V
50 Hz
GVAp207
0.23 (0.105)
200 V…220 V
60 Hz
GVAp207
0.23 (0.105)
220 V…240 V
50 Hz
GVAp225
0.23 (0.105)
60 Hz
GVAp226
0.23 (0.105)
380 V…400 V
50 Hz
GVAp385
0.23 (0.105)
60 Hz
GVAp386
0.23 (0.105)
415 V…440 V
50 Hz
GVAp415
0.23 (0.105)
415 V
60 Hz
GVAp416
0.23 (0.105)
440 V
60 Hz
GVAp385
0.23 (0.105)
480 V
60 Hz
GVAp415
0.23 (0.105)
500 V
50 Hz
GVAp505
0.23 (0.105)
600 V
60 Hz
GVAp505
0.23 (0.105)
Undervoltage trip, INRS (can only be mounted on GV2-ME)
Safety device for dangerous machines, conforming to INRS and VDE 0113
Side
(1 block on RH side
of GV2)
110…115 V
50 Hz
GVAX115
0.24 (0.110)
60 Hz
GVAX116
0.24 (0.110)
127 V
60 Hz
GVAX115
0.24 (0.110)
220…240 V
50 Hz
GVAX225
0.24 (0.110)
60 Hz
GVAX226
0.24 (0.110)
380…400 V
50 Hz
GVAX385
0.24 (0.110)
60 Hz
GVAX386
0.24 (0.110)
415…440 V
50 Hz
GVAX415
0.24 (0.110)
440 V
60 Hz
GVAX385
0.24 (0.110)
Add-on contact blocks
Description
Mounting
Maximum number
Catalog Number
Weight lb (kg)
Visible isolation block (2)
Front (3)
1
GV2AK00
0.33 (0.150)
Limiters
At top (GV2ME and GV2P)
1
GV1L3
0.29 (0.130)
Independent
1
LA9LB920
0.70 (0.320)
Fuse Holder, 30 amp maximum
Description
For Fuse Type
For Use In
Sold in
Lots of
Catalog Number
Weight
lb (kg)
Screw clamp terminals, 3-pole
CC, KTK-R 0.41 X 1.5 (10.3 X 38 mm)
US Markets
1
LS1D30
0.5 (0.23)
Spring Terminals, 3-pole
CC, KTK-R 0.41 X 1.5 (10.3 X 38 mm)
US Markets
1
LS1D303
0.5 (0.23)
Screw clamp terminals, 3-pole
aM, gG 0.39 X 1.5 (10 X 38 mm)
European Markets
1
LS1D32
0.5 (0.23)
Sprint terminals, 3-pole
aM, gG 0.39 X 1.5 (10 X 38 mm)
European Markets
1
LS1D323
0.5 (0.23)
Screw clamp terminals, 4-pole
aM, gG 0.39 X 1.5 (10 X 38 mm)
European Markets
1
LS1DT32
0.5 (0.23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com