Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8569 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8569
Description  24-bit, 192kHz Stereo CODEC with Volume Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8569 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8569 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
w
WM8569
24-bit, 192kHz Stereo CODEC with Volume Control
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, June 2006, Rev 4.0
Copyright
2006 Wolfson Microelectronics plc
DESCRIPTION
The WM8569 is a stereo audio codec ideal for DVD, PVR,
LCD-TV and automotive applications. Independent ADC
and DAC clocking permits separate record and playback
sampling rates.
A stereo 24-bit multi-bit sigma delta DAC with oversampling
and digital interpolation filters provides the output signal.
Digital audio input word lengths from 16-24 bits and
sampling rates from 8kHz to 192kHz are supported.
A stereo 24-bit multi-bit sigma delta ADC is used. Digital
audio output word lengths from 16-24 bits and sampling
rates from 32kHz to 96kHz are supported. The DAC and
ADC support independent sampling rates.
The audio data interface supports I
2S, left justified, right
justified and DSP digital audio formats.
The device is controlled via a 3-wire serial interface. The
interface provides access to all features including volume
controls, mutes, de-emphasis and power management
facilities. A hardware control interface allows access to a
limited feature set. The WM8569 is available in a 28-lead
SSOP.
FEATURES
•
Audio Performance
−
103dB SNR (‘A’ weighted @ 48kHz) DAC
−
DAC Sampling Frequency: 8kHz – 192kHz
−
100dB SNR (‘A’ weighted @ 48kHz) ADC
−
ADC Sampling Frequency: 32kHz – 96kHz
•
Independent Sampling Rates for ADC and DAC
•
3-wire SPI Serial or Hardware Control Interface
•
Audio Mute and De-Emphasis Functions
•
Programmable Audio Data Interface Modes
−
16/20/24/32 bit Word Lengths
−
I
2S, Left, Right Justified or DSP
•
2.7V to 5.5V Analogue Supply
•
2.7V to 3.6V Digital Supply
•
28-lead SSOP Package
APPLICATIONS
•
DVD Recorder
•
Personal Video Recorder
•
PC Sound Card
•
Automotive Audio
•
LCD-TV
BLOCK DIAGRAM


Similar Part No. - WM8569

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8569GEDS WOLFSON-WM8569GEDS Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8569GEDS/RV WOLFSON-WM8569GEDS/RV Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8569GEDS/V WOLFSON-WM8569GEDS/V Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8569GEDSRV WOLFSON-WM8569GEDSRV Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
More results

Similar Description - WM8569

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
24-bit, 192kHz Stereo DAC with Volume Control
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
24-bit, 192kHz 6-Channel Codec with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com