Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8718SEDS/R Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8718SEDS/R
Description  24 Bit Differential Stereo DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8718SEDS/R Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8718SEDS/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
WM8718
Production Data
w
PD Rev 4.3 November 2006
6
PIN DESCRIPTION – 24 LEAD QFN
PIN
NAME
TYPE
DESCRIPTION
1
DVDD
Supply
Positive Digital Supply
2
DGND
Supply
Ground Digital Supply
3
AVDD
Supply
Positive Analogue Supply
4
VREFP
Supply
Positive DAC reference Supply
5
VREFN
Supply
Negative DAC reference Supply
6
AGND
Supply
Ground Analogue Supply
7
VMID
Analogue Output
Mid Rail Decoupling Point
8
VOUTRP
Analogue Output
Right Channel DAC Output Positive
9
VOUTRN
Analogue Output
Right Channel DAC Output Negative
10
VOUTLN
Analogue Output
Left Channel DAC Output Negative
11
VOUTLP
Analogue Output
Left Channel DAC Output Positive
12
NC
No Connect
No Connect
13
NC
No Connect
No Connect
14
LATCH
Digital Input P.U.
Serial Control Load Input
15
SDIN
Digital Input
Serial Control Data Input
16
SCLK
Digital Input P.D.
Serial Control Data Input Clock
17
ZEROFR
Digital Output (Open drain)
Infinite ZERO Detect Flag for Right Channel
18
NC
No Connect
No Connect
19
ZEROFL
Digital Output (Open drain)
Infinite ZERO Detect Flag for Left Channel
20
MCLK
Digital Input
Master Clock Input
21
BCLKIN
Digital Input
PCM Audio Data Bit Clock Input
22
DIN
Digital Input
PCM Serial Audio Data Input
23
LRCIN
Digital Input
PCM DAC Sample Rate Clock Input
24
NC
No Connect
No Connect
Note:
1.
Digital input pins have Schmitt trigger input buffers. Pins marked `P.U.` or `P.D.` have an internal pull-up or pull-down
resistor.
2.
It is recommended that the QFN ground paddle should be connected to analogue ground on the application PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com