Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8718SEDS/R Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8718SEDS/R
Description  24 Bit Differential Stereo DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8718SEDS/R Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8718SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
WM8718
Production Data
w
PD Rev 4.3 November 2006
21
DE-EMPHASIS MODE
Setting the DEEMPH register bit puts the digital filters into de-emphasis mode:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0010
Mode Control
1
DEEMPH
0
De-emphasis mode select:
0: De-emphasis Off
1: De-emphasis On
POWERDOWN MODE
Setting the PWDN register bit immediately connects all outputs to VMID and selects a low power
mode. All trace of the previous input samples is removed, but all control register settings are
preserved. When PWDN is cleared again the first 16 input samples will be ignored, as the FIR
will repeat it's power-on initialisation sequence.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0010
Mode Control
2
PWDN
0
Power Down Mode Select:
0: Normal Mode
1: Power Down Mode
ZERO FLAG OUTPUTS
The WM8718 has two zero flag outputs pins. The WM8718 asserts a low on the corresponding
zero flag pin when a sequence of more than 1024 mid-rail signal is input to the chip. The user
can use the zero flag pins to control external muting circuits if required.
To simplify external
circuitry there is an option to have both zero flag output’s ANDed internally and output on both
pins.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0010
Mode
Control
7
ZEROFLR
0
ZERO Flag Outputs:
0: Both pins enabled.
1: AND of both channels to both pins.
ZERO CROSS DETECT
When the WM8718 receives updates to the volume levels it will, by default, wait for the signal to
pass through mid-rail for each channel before applying the update for that particular channel. This
ensures that there is minimum distortion seen on the output when the volume is changed.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0010
Mode Control
8
ZCDINIT
0
Zero Cross Detect Control:
0: Enabled
1: Disabled
SELECTION OF LRCIN POLARITY
In left justified, right justified or I
2S modes, the LRP register bit controls the polarity of LRCIN. If
this bit is set high, the expected polarity of LRCIN will be the opposite of that shown in Figure 7,
Figure 8 and Figure 9. Note that if this feature is used as a means of swapping the left and right
channels, a 1 sample phase difference will be introduced.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0011
Format Control
4
LRP
0
LRCIN Polarity (normal)
0: normal LRCIN polarity
1: inverted LRCIN polarity
Table 6 LRCIN Polarity Control
In DSP modes, the LRCIN register bit is used to select between early and late modes (see Figure
10 and Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com