Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8718SEDS/R Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8718SEDS/R
Description  24 Bit Differential Stereo DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8718SEDS/R Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8718SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
WM8718
Production Data
w
PD Rev 4.3 November 2006
22
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0011
Format Control
4
LRP
0
DSP Format (DSP modes)
0: Late DSP mode
1: Early DSP mode
Table 7 DSP Format Control
In DSP early mode, the first bit is sampled on the BCKIN rising edge following the one that
detects a low to high transition on LRCIN. In DSP late mode, the first bit is sampled on the
BCKIN rising edge, which detects a low to high transition on LRCIN. No BCKIN edges are allowed
between the data words. The word order is DIN left, DIN right.
ATTENUATOR CONTROL MODE
Setting the ATC register bit causes the left channel attenuation settings to be applied to both left
and right channel DACs from the next audio input sample. No update to the attenuation registers
is required for ATC to take effect. (The right channels registry settings are preserved.)
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0011
PCM Control
5
ATC
0
Attenuator Control Mode:
0:
Right channels use Right
attenuation
1:
Right Channels use Left
Attenuation
Table 8 Attenuation Control Select
BCKIN POLARITY
By default, LRCIN and DIN are sampled on the rising edge of BCKIN and should ideally change
on the falling edge. Data sources which change LRCIN and DIN on the rising edge of BCKIN can
be supported by setting the BCP register bit. Setting BCP to 1 inverts the polarity of BCKIN to the
inverse of that shown in Figure 7, Figure 8, Figure 9, Figure 10 and Figure 11
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0011
PCM Control
6
BCP
0
BCKIN
0: normal polarity
1: inverted polarity
Table 9 BCKIN Polarity Control
OUTPUT PHASE REVERSAL
The REV register bit controls the phase of the output signal. Setting the REV bit causes the
phase of the output signal to be inverted.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0011
PCM Control
7
REV
0
Analogue Output Phase
0: Normal
1: Inverted
Table 10 Output Phase Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com