Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8718SEDS/R Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8718SEDS/R
Description  24 Bit Differential Stereo DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8718SEDS/R Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8718SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
WM8718
Production Data
w
PD Rev 4.3 November 2006
17
MASTER CLOCK FREQUENCY (MHz) (MCLK)
SAMPLING
RATE
(LRCIN)
128fs
192fs
256fs
384fs
512fs
768fs
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1kHz
5.6448
8.467
11.2896
16.9340
22.5792
33.8688
48kHz
6.144
9.216
12.288
18.432
24.576
36.864
88.2kHz
11.2896
16.9344
22.5792
33.8688
Unavailable
Unavailable
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
176.4kHz
22.5792
33.8688
Unavailable
Unavailable
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Table 1 Typical Relationships Between Master Clock Frequency and Sampling Rate
SOFTWARE CONTROL INTERFACE
The software control interface may be operated using a 3-wire (SPI-compatible) interface. In this
mode, SDIN is used for the program data, SCLK is used to clock in the program data and LATCH
is used to latch in the program data. The 3-wire interface protocol is shown in Figure 12.
LATCH
SCLK
SDIN
A6
D6
D7
D8
A0
A1
A2
A3
A4
A5
D1
D2
D3
D4
D5
D0
Figure 12 3-Wire Serial Control Interface
Notes:
1.
A[6:0] are Control Address Bits
2.
D[8:0] are Control Data Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com