Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8766 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8766
Description  24-bit, 192kHz 6-Channel DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8766 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8766 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Production Data
WM8766
w
PD Rev 4.1 July 2005
11
INTERNAL POWER ON RESET CIRCUIT
Figure 7 Internal Power on Reset Circuit Schematic
The WM8768 includes an internal Power-On-Reset Circuit, as shown in Figure 7, which is used reset
the digital logic into a default state after power up. The POR circuit is powered from DVDD and
monitors DVDD. It asserts PORB low if DVDD is below a minimum threshold.
Figure 8 Typical Power-Up Sequence
Figure 8 shows a typical power-up sequence. When DVDD goes above the minimum threshold,
Vpord, there is enough voltage for the circuit to guarantee PORB is asserted low and the chip is held
in reset. In this condition, all writes to the control interface are ignored. When DVDD rises to
Vpor_on, PORB is released high and all registers are in their default state and writes to the control
interface may take place.
On power down, PORB is asserted low whenever DVDD drops below the minimum threshold
Vpor_off.
SYMBOL
MIN
TYP
MAX
UNIT
Vpord
0.3
0.5
0.8
V
Vpor_on
1.3
1.7
2.0
V
Vpor_off
1.3
1.7
2.0
V
Table 5 Typical POR Operation (typical values, not tested)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com