Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8766 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8766
Description  24-bit, 192kHz 6-Channel DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8766 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8766 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
w
WM8766
24-bit, 192kHz 6-Channel DAC
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, July 2005, 4.1
Copyright
2005 Wolfson Microelectronics plc
DESCRIPTION
The WM8766 is a multi-channel audio DAC ideal for DVD
and surround sound processing applications for home hi-fi,
automotive and other audio visual equipment.
Three stereo 24-bit multi-bit sigma delta DACs are used
with oversampling digital interpolation filters. Digital audio
input word lengths from 16-32 bits and sampling rates from
8kHz to 192kHz are supported. Each DAC channel has
independent digital volume and mute control.
The audio data interface supports I
2S, left justified, right
justified and DSP digital audio formats
The device is controlled via a 3 wire serial interface or
directly using the hardware interface. These interfaces
provide access to features including channel selection,
volume
controls,
mutes,
de-emphasis
and
power
management facilities. The device is available in a 28-lead
SSOP.
FEATURES
6-Channel DAC
Audio Performance
103dB SNR (‘A’ weighted @ 48kHz) DAC
DAC Sampling Frequency: 8kHz – 192kHz
3-Wire SPI Serial or Hardware Control Interface
Programmable Audio Data Interface Modes
I
2S, Left, Right Justified or DSP
16/20/24/32 bit Word Lengths
Three Independent stereo DAC outputs with independent
digital volume controls
Master or Slave Audio Data Interface
2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply
Operation
28 lead SSOP Package
APPLICATIONS
DVD Players
Surround Sound AV Processors and Hi-Fi systems
Automotive Audio
BLOCK DIAGRAM


Similar Part No. - WM8766

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8766 WOLFSON-WM8766 Datasheet
332Kb / 32P
24 BIT 192KHZ 6 CHANNEL DAC
logo
Cirrus Logic
WM8766 CIRRUS-WM8766 Datasheet
375Kb / 36P
24-bit, 192kHz 6-Channel DAC
logo
Wolfson Microelectronic...
WM8766EDS WOLFSON-WM8766EDS Datasheet
332Kb / 32P
24 BIT 192KHZ 6 CHANNEL DAC
WM8766EDSRV WOLFSON-WM8766EDSRV Datasheet
332Kb / 32P
24 BIT 192KHZ 6 CHANNEL DAC
WM8766EDV WOLFSON-WM8766EDV Datasheet
332Kb / 32P
24 BIT 192KHZ 6 CHANNEL DAC
More results

Similar Description - WM8766

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8768 WOLFSON-WM8768 Datasheet
393Kb / 38P
24-bit, 192kHz 8-Channel DAC
WM8766 WOLFSON-WM8766 Datasheet
332Kb / 32P
24 BIT 192KHZ 6 CHANNEL DAC
logo
List of Unclassifed Man...
CE2746 ETC-CE2746 Datasheet
342Kb / 13P
6-Channel Audio DAC, 24-bit, 192kHz
logo
Wolfson Microelectronic...
WM8522 WOLFSON-WM8522 Datasheet
407Kb / 39P
24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
logo
Asahi Kasei Microsystem...
AK4346 AKM-AK4346 Datasheet
370Kb / 31P
3.3V 192kHz 24-Bit 6-Channel DAC
logo
Wolfson Microelectronic...
WM8768 WOLFSON-WM8768_10 Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
logo
Cirrus Logic
WM8766 CIRRUS-WM8766 Datasheet
375Kb / 36P
24-bit, 192kHz 6-Channel DAC
WM8768 CIRRUS-WM8768 Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com