Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8766 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8766
Description  24-bit, 192kHz 6-Channel DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8766 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8766 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
WM8766
Production Data
w
PD Rev 4.1 July 2005
26
DE-EMPHASIS MODE
Each stereo DAC channel has an individual de-emphasis control bit:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001001
DAC De-Emphahsis
Control
[8:6]
DEEMPH
[1:0]
000
De-emphasis Channel Selection
Select:
DEEMPH
[1:0]
DAC CHANNEL 1
DAC CHANNEL 2
DAC CHANNEL 3
000
Not DE-EMPHASIS
Not DE-EMPHASIS
Not DE-EMPHASIS
001
DE-EMPHASIS
Not DE-EMPHASIS
Not DE-EMPHASIS
010
Not DE-EMPHASIS
DE-EMPHASIS
Not DE-EMPHASIS
011
DE-EMPHASIS
DE-EMPHASIS
Not DE-EMPHASIS
100
Not DE-EMPHASIS
Not DE-EMPHASIS
DE-EMPHASIS
101
DE-EMPHASIS
Not DE-EMPHASIS
DE-EMPHASIS
110
Not DE-EMPHASIS
DE-EMPHASIS
DE-EMPHASIS
111
DE-EMPHASIS
DE-EMPHASIS
DE-EMPHASIS
Table 14 De-emphasis Control
Refer to Figure 30 for details of the De-Emphasis performance at different sample rates.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC DEEMPH
1
DEEMPALL
0
DEEMPH Select:
0 : Normal operation
1: De-emphasis all channels
POWERDOWN MODE AND DAC DISABLE
Setting the PDWN register bit immediately powers down the DACs on the WM8766, overriding the
DACD powerdown bits control bits. All trace of the previous input samples are removed, but all
control register settings are preserved. When PDWN is cleared the digital filters will be reinitialised
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
Powerdown Control
2
PDWN
0
Power Down all DAC’s Select:
0: All DACs enabled
1: All DACs disabled
The DACs may also be powered down individually by setting the DACPD disable bit. Each Stereo
DAC channel has a separate disable DACPD[2:0]. Setting DACPD for a channel will disable the
DACs and select a low power mode.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001010
Powerdown Control
3:1
DACPD[2:0]
000
DAC Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com