Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8766 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8766
Description  24-bit, 192kHz 6-Channel DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8766 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8766 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8766 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
WM8766
Production Data
w
PD Rev 4.1 July 2005
22
DAC OUTPUT PHASE
The DAC phase control word determines whether the output of each DAC is non-inverted or inverted
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Bit
DAC
Phase
0
DAC1L/R
1 = invert
1
DAC2L/R
1 = invert
0000011
DAC Phase
8:6
PHASE
[2:0]
000
2
DAC3L/R
1 = invert
DIGITAL ZERO CROSS-DETECT
The digital volume control also incorporates a zero cross detect circuit which detects a transition
through the zero point before updating the digital volume control with the new volume. This is
enabled by control bit DZCEN.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001001
DAC Control
0
ZCD
0
DAC Digital Volume Zero Cross
Enable:
0: Zero cross detect enabled
1: Zero cross detect disabled
SOFTMUTE
The digital muting function used in Software and Hardware mode applies a softmute with the
operating characteristics shown in Figure 19.
Figure 19 Soft Mute Operation
When the softmute is applied the output of the device will decay towards VMID with a time constant of
approximately 64 input samples. When the mute is released, either manually or automatically by the
chip, the output will restart immediately from the current input sample.
ANALOGUE MUTE
Analogue mute can only be used in software mode and will cause the output of the selected DAC to
perform an analogue mute that clamps the output of the DAC to VMID. This function is dependent in
the IZD bit which is described in section INFINITE ZERO DETECT, later.
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com