Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976GEFL/V Datasheet(PDF) 91 Page - Wolfson Microelectronics plc

Part # WM8976GEFL/V
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/V Datasheet(HTML) 91 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 108 page
background image
Pre-Production
WM8976
w
PP Rev 3.0 April 2006
91
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
6:4
LIMLVL
000
Programmable signal threshold level (determines
level at which the DAC limiter starts to operate)
000=-1dB
001=-2dB
010=-3dB
011=-4dB
100=-5dB
101 to 111=-6dB
Output Signal
Path
3:0
LIMBOOST
0000
DAC Limiter volume boost (can be used as a
stand alone volume boost when LIMEN=0):
0000=0dB
0001=+1dB
0010=+2dB
… (1dB steps)
1011=+11dB
1100=+12dB
1101 to 1111=reserved
Output Signal
Path
8
NFU
0
Notch filter update. The notch filter values used
internally only update when one of the NFU bits is
set high.
Analogue to
Digital
Converter
(ADC)
7
NFEN
0
Notch filter enable:
0=Disabled
1=Enabled
Analogue to
Digital
Converter
(ADC)
27 (1Bh)
6:0
NFA0[13:7]
0000000
Notch Filter a0 coefficient, bits [13:7]
Analogue to
Digital
Converter
(ADC)
8
NFU
0
Notch filter update. The notch filter values used
internally only update when one of the NFU bits is
set high.
Analogue to
Digital
Converter
(ADC)
7
0
Reserved
28 (1Ch)
6:0
NFA0[6:0]
0000000
Notch Filter a0 coefficient, bits [6:0]
Analogue to
Digital
Converter
(ADC)
8
NFU
0
Notch filter update. The notch filter values used
internally only update when one of the NFU bits is
set high.
Analogue to
Digital
Converter
(ADC)
7
0
Reserved
29 (1Dh)
6:0
NFA1[13:7]
0000000
Notch Filter a1 coefficient, bits [13:7]
Analogue to
Digital
Converter
(ADC)
8
NFU
0
Notch filter update. The notch filter values used
internally only update when one of the NFU bits is
set high.
Analogue to
Digital
Converter
(ADC)
7
0
Reserved
30 (1Eh)
6:0
NFA1[6:0]
0000000
Notch Filter a1 coefficient, bits [6:0]
Analogue to
Digital
Converter
(ADC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com