Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976GEFL/V Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8976GEFL/V
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/V Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
WM8976
Pre-Production
w
PP Rev 3.0 April 2006
10
TERMINOLOGY
1.
Input level to LIP is limited to a maximum of -3dB or THD+N performance will be reduced.
2.
Note when BEEP path is not enabled then AUXL and AUXR have the same input impedances.
3.
Hold Time is the length of time between a signal detected being too quiet and beginning to ramp up the gain. It does
not apply to ramping down the gain when the signal is too loud, which happens without a delay.
4.
Ramp-up and Ramp-Down times are defined as the time it takes for the PGA to sweep across 90% of its gain range.
5.
All hold, ramp-up and ramp-down times scale proportionally with MCLK
6.
Signal-to-noise ratio (dB) – SNR is a measure of the difference in level between the full scale output and the output
with no signal applied. (No Auto-zero or Automute function is employed in achieving these results).
7.
THD+N (dB) – THD+N is a ratio, of the rms values, of (Noise + Distortion)/Signal.
8.
Channel Separation (dB) – Also known as Cross-Talk. This is a measure of the amount one channel is isolated from
the other. Measured by applying a full scale signal to one channel input and measuring the level of signal apparent at
the other channel output.
9.
The maximum output voltage can be limited by the speaker power supply.
If OUT3BOOST, OUT4BOOST or
SPKBOOST is set then SPKVDD should be 1.5xAVDD to prevent clipping taking place in the output stage (when
PGA gains are set to 0dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com