Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976GEFL/V Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8976GEFL/V
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/V Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 108 page
background image
Pre-Production
WM8976
w
PP Rev 3.0 April 2006
27
PROGRAMMABLE NOTCH FILTER
A programmable notch filter is provided. This filter has a variable centre frequency and bandwidth,
programmable via two coefficients, a0 and a1.
a0 and a1 are represented by the register bits
NFA0[13:0] and NFA1[13:0]. Because these coefficient values require four register writes to setup
there is an NFU (Notch Filter Update) flag which should be set only when all four registers are setup.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
NFA0[13:7]
0
Notch Filter a0 coefficient, bits [13:7]
7
NFEN
0
Notch filter enable:
0=Disabled
1=Enabled
R27
Notch Filter 1
8
NFU
0
Notch filter update. The notch filter
values used internally only update
when one of the NFU bits is set high.
6:0
NFA0[6:0]
0
Notch Filter a0 coefficient, bits [6:0]
R28
Notch Filter 2
8
NFU
0
Notch filter update. The notch filter
values used internally only update
when one of the NFU bits is set high.
6:0
NFA1[13:7]
0
Notch Filter a1 coefficient, bits [13:7]
R29
Notch Filter 3
8
NFU
0
Notch filter update. The notch filter
values used internally only update
when one of the NFU bits is set high.
0-6
NFA1[6:0]
0
Notch Filter a1 coefficient, bits [6:0]
R30
Notch Filter 4
8
NFU
0
Notch filter update. The notch filter
values used internally only update
when one of the NFU bits is set high.
Table 15 Notch Filter Function
The coefficients are calculated as follows:
)
2
/
tan(
1
)
2
/
tan(
1
0
b
b
w
w
a
+
−
=
)
cos(
)
1
(
0
0
1
w
a
a
+
−
=
Where:
s
c
f
f
w
/
2
0
π
=
s
b
b
f
f
w
/
2
π
=
fc = centre frequency in Hz, fb = -3dB bandwidth in Hz, fs = sample frequency in Hz
The actual register values can be determined from the coefficients as follows:
NFA0 = -a0 x 2
13
NFA1 = -a1 x 2
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com