Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976GEFL/V Datasheet(PDF) 94 Page - Wolfson Microelectronics plc

Part # WM8976GEFL/V
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/V Datasheet(HTML) 94 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 108 page
background image
WM8976
Pre-Production
w
PP Rev 3.0 April 2006
94
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
40 (28h)
8:0
00000000
0
Reserved
8:4
00000
Reserved
41 (29h)
3:0
DEPTH3D
0000
Stereo depth
0000: 0% (minimum 3D effect)
0001: 6.67%
....
1110: 93.3%
1111: 100% (maximum 3D effect)
3D Stereo
Enhancement
8:6
000
Reserved
5
MUTERPGA
2INV
0
Mute input to INVROUT2 mixer
Analogue
Outputs
4
INVROUT2
0
Mute input to INVROUT2 mixer
Analogue
Outputs
3:1
BEEPVOL
000
AUXR input to ROUT2 inverter gain
000 = -15dB
...
111 = +6dB
Analogue
Outputs
43 (2Bh)
0
BEEPEN
0
0 = mute AUXR beep input
1 = enable AUXR beep input
Analogue
Outputs
8
MBVSEL
0
Microphone Bias Voltage Control
0 = 0.9 * AVDD
1 = 0.6 * AVDD
Input Signal
Path
7:3
00000
Reserved
2
L2_2INP
PGA
0
Connect L2 pin to input PGA positive terminal.
0=L2 not connected to input PGA
1=L2 connected to input PGA amplifier positive
terminal (constant input impedance).
Input Signal
Path
1
LIN2INP
PGA
1
Connect LIN pin to input PGA negative terminal.
0=LIN not connected to input PGA
1=LIN connected to input PGA amplifier negative
terminal.
Input Signal
Path
44 (2Ch)
0
LIP2INP
PGA
1
Connect LIP pin to input PGA amplifier positive
terminal.
0 = LIP not connected to input PGA
1 = input PGA amplifier positive terminal
connected to LIP (constant input impedance)
Input Signal
Path
8
INPPGA
UPDATE
N/A
INPPGAVOLL and INPPGAVOLR volume do not
update until a 1 is written to INPPGAUPDATE (in
reg 45 or 46)
Input Signal
Path
7
INPPGAZCL
0
Input PGA zero cross enable:
0=Update gain when gain register changes
1=Update gain on 1
st zero cross after gain register
write.
Input Signal
Path
6
INPPGA
MUTEL
0
Mute control for input PGA:
0=Input PGA not muted, normal operation
1=Input PGA muted (and disconnected from the
following input BOOST stage).
Input Signal
Path
45 (2Dh)
5:0
INPPGA
VOLL
010000
Input PGA volume
000000 = -12dB
000001 = -11.25db
.
010000 = 0dB
.
111111 = 35.25dB
Input Signal
Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com