Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976 Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8976
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976 Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8976 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 108 page
background image
Pre-Production
WM8976
w
PP Rev 3.0 April 2006
53
In the DC coupled configuration, the headphone “ground” is connected to the VMID pin.
The
OUT3/4 pins can be configured as a DC output driver by setting the OUT3MUTE and OUT4MUTE
register bit. The DC voltage on VMID in this configuration is equal to the DC offset on the LOUT1
and ROUT1 pins therefore no DC blocking capacitors are required. This saves space and material
cost in portable applications.
Note that OUT3 and OUT4 have an optional output boost of 1.5x. When these are configured in this
output boost mode (OUT3BOOST/OUT4BOOST=1) then the VMID value of these outputs will be
equal to 1.5xAVDD/2 and will not match the VMID of the headphone drivers. Do not use the DC
coupled output mode in this configuration.
It is recommended to connect the DC coupled outputs only to headphones, and not to the line input
of another device. Although the built-in short circuit protection will prevent any damage to the
headphone outputs, such a connection may be noisy, and may not function properly if the other
device is grounded.
SPEAKER OUTPUTS (LOUT2 AND ROUT2)
The outputs LOUT2 and ROUT2 are designed to drive an 8Ω BTL speaker but can optionally drive
two headphone loads of 16
Ω/32Ω or a line output (see Headphone Output and Line Output sections,
respectively). Each output has an individual volume control PGA, an output boost/level shift bit, a
mute and an enable as shown in Figure 23.
LOUT2 and ROUT2 output the left and right channel
mixer outputs respectively.
The ROUT2 signal path also has an optional invert. The amplifier used for this invert can be used to
mix in the AUXR signal with an adjustable gain range of -15dB -> +6dB. This allows a ‘beep’ signal
to be applied only to the speaker output without affecting the HP or line outputs.
Figure 23 Speaker Outputs LOUT2 and ROUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com