Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976 Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8976
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976 Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8976 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 108 page
background image
WM8976
Pre-Production
w
PP Rev 3.0 April 2006
62
A dedicated buffer is available for tying off unused analogue I/O pins as shown in Figure 27. This
buffer can be enabled using the BUFIOEN register bit.
If the SPKBOOST, OUT3BOOST or OUT4BOOST bits are set then the relevant outputs will be tied
to the output of the DC level shift buffer at 1.5xAVDD/2 when disabled.
Figure 27 summarises the tie-off options for the speaker and mono output pins.
Figure 27 Unused Input/Output Pin Tie-off Buffers
L/ROUT2EN/
OUT3/4EN
OUT3BOOST/
OUT4BOOST/
SPKBOOST
VROI
OUTPUT CONFIGURATION
0
0
0
1kΩ tie-off to AVDD/2
0
0
1
30kΩ tie-off to AVDD/2
0
1
0
1kΩ tie-off to 1.5xAVDD/2
0
1
1
30kΩ tie-off to 1.5xAVDD/2
1
0
X
Output enabled (DC level=AVDD/2)
1
1
X
Output enabled (DC level=1.5xAVDD/2)
Table 52 Unused Output Pin Tie-off Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com