Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976 Datasheet(PDF) 84 Page - Wolfson Microelectronics plc

Part # WM8976
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976 Datasheet(HTML) 84 Page - Wolfson Microelectronics plc

Back Button WM8976 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 88Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 108 page
background image
WM8976
Pre-Production
w
PP Rev 3.0 April 2006
84
REGISTER BITS BY ADDRESS
Notes
1. Default values of N/A indicate non-latched data bits (e.g. software reset or volume update bits).
2. Register bits marked as "Reserved" should not be changed from the default.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0 (00h)
[8:0]
RESET
N/A
Software reset
Resetting the
Chip
8
BUFDCOPEN
0
Dedicated buffer for DC level shifting output
stages when in 1.5x gain boost configuration.
0=Buffer disabled
1=Buffer enabled (required for 1.5x gain boost)
Analogue
Outputs
7
OUT4MIXEN
0
OUT4 mixer enable
0=disabled
1=enabled
Power
Management
6
OUT3MIXEN
0
OUT3 mixer enable
0=disabled
1=enabled
Power
Management
5
PLLEN
0
PLL enable
0=PLL off
1=PLL on
Master Clock
and Phase
Locked Loop
(PLL)
4
MICBEN
0
Microphone Bias Enable
0 = OFF (high impedance output)
1 = ON
Input Signal
Path
3
BIASEN
0
Analogue amplifier bias control
0=disabled
1=enabled
Power
Management
2
BUFIOEN
0
Unused input/output tie off buffer enable
0=disabled
1=enabled
Power
Management
1 (01h)
1:0
VMIDSEL
00
Reference string impedance to VMID pin
00=off (open circuit)
01=75kΩ
10=300kΩ
11=5kΩ
Power
Management
8
ROUT1EN
0
ROUT1 output enable
0=disabled
1=enabled
Power
Management
7
LOUT1EN
0
LOUT1 output enable
0=disabled
1=enabled
Power
Management
6
SLEEP
0
0 = normal device operation
1 = residual current reduced in device standby
mode
Power
Management
5
0
Reserved
4
BOOSTENL
0
Input BOOST enable
0 = Boost stage OFF
1 = Boost stage ON
Power
Management
3
0
Reserved
2
INPPGAENL
0
Input PGA enable
0 = disabled
1 = enabled
Power
Management
2 (02h)
1
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com