Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8976
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8976 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
WM8976
Pre-Production
w
PP Rev 3.0 April 2006
12
POWER CONSUMPTION
Typical current consumption for various scenarios is shown below.
MODE
AVDD
(3.0V)
(mA)
DCVDD
(1.8V)
(mA)
DBVDD
1
(3.0V)
(mA)
TOTAL
POWER
(mW)
Off
0.04
3
0.0008
<0.0001
0.12
Sleep (VREF maintained, no clocks)
0.04
0.0008
<0.0001
0.12
MIC Record (8kHz)
2
4.1
1.0
0.001
14.1
Stereo 16Ω HP Playback (48kHz, quiescent)
2
3.3
6.2
0.004
21.1
Stereo 16Ω HP Playback (48kHz, white noise)
2
5.4
7.3
0.004
29.4
Stereo 16Ω HP Playback (48kHz, sine wave)
2
18
6.7
0.004
66.1
Notes:
1.
DBVDD Current will increase with greater loading on digital I/O pins.
2.
5 Band EQ is enabled.
3.
AVDD standby current will fall to nearer 15uA when thermal shutdown sensor is disabled.
Table 1 Power Consumption
ESTIMATING SUPPLY CURRENT
When either the DAC or ADC is enabled approximately 7mA will be drawn from DCVDD when
DCVDD=1.8V and fs=48kHz. When the PLL is enabled approximately 1.5mA additional current will
be drawn from DCVDD.
As a general rule, digital supply currents will scale in proportion to sample rates. Supply current for
analogue and digital blocks will also be lower at lower supply voltages.
Power consumed by the output drivers will depend greatly on the signal characteristics. A quiet
signal, or a signal with long periods of silence will consume less power than a signal which is
continuously loud.
Estimated supply current for the analogue blocks is shown in Table 2. Note that power dissipated in
the load is not shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com