Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976 Datasheet(PDF) 105 Page - Wolfson Microelectronics plc

Part # WM8976
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976 Datasheet(HTML) 105 Page - Wolfson Microelectronics plc

Back Button WM8976 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8976 Datasheet HTML 108Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
Pre-Production
WM8976
w
PP Rev 3.0 April 2006
105
Figure 63 shows the result of having the gain set on more than one channel simultaneously. The
blue traces show each band (lowest cut-off/centre frequency) with
±12dB gain. The red traces show
the cumulative effect of all bands with +12dB gain and all bands -12dB gain, with EqxBW=0 for the
peak filters.
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
20
Frequency (Hz)
Figure 63 Cumulative Frequency Boost/Cut



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com