Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9707SCFT/RV Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM9707SCFT/RV
Description  AC 97 Revision 2.1 Audio CODEC with SPDIF Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9707SCFT/RV Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM9707SCFT/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
WM9707
Production Data
w
PD Rev 4.1 June 2006
19
AC-LINK AUDIO OUTPUT FRAME (SDATAOUT)
The audio output frame data streams correspond to the multiplexed bundles of all digital output data
targeting the WM9707’s DAC inputs, and control registers. As briefly mentioned earlier, each audio
output frame supports up to 12 20-bit outgoing data time slots. Slot 0 is a special reserved time slot
containing 16-bits, which are used for AC-link protocol infrastructure.
OUTPUT TAG SLOT (16-BITS)
Bit (15)
Frame Valid
Bit (14)
Slot 1 Valid Command Address bit
(Primary CODEC only)
Bit (13)
Slot 2 Valid Command Data bit
(Primary CODEC only)
Bit (12:3)
Slot 3-12 Valid bits as defined by AC’97
Bit 2
Reserved
(Set to 0)
Bit (1:0)
2-bit Message ID field
(00 reserved for Primary; 01
indicates Secondary)
Within slot 0 the first bit is a global bit (SDATAOUT slot 0, bit 15) which flags the validity for the entire
audio frame. If the Valid Frame bit is a 1, this indicates that the current audio frame contains at least
one time slot of valid data. The next 12-bit positions sampled by the WM9707 indicate which of the
corresponding 12 time slots contain valid data.
In this way data streams of differing sample rates can be transmitted across AC-link at its fixed
48kHz audio frame rate. Figure 12 illustrates the time slot based AC-link protocol.
When the CODEC is a slave device, bits 14 and 13 are not used to validate data in slots 1 and 2.
Instead, if the message ID bits (1:0) match the CODEC ID then the address is valid and bit 19 from
slot 1 then indicates if slot 2 is valid.
SYNC
BITCLK
SDATAOUT
VALID
FRAME
SLOT (1)
SLOT (2)
WM9707 SAMPLES
SYNC ASSERTION HERE
WM9707 SAMPLES
FIRST SDATAOUT
BIT OF FRAME HERE
END OF PREVIOUS AUDIO FRAME
Figure 13 Start of an Audio Output Frame
A new audio output frame begins with a low to high transition of SYNC as shown in Figure 13. SYNC
is synchronous to the rising edge of BITCLK. On the immediately following falling edge of BITCLK,
the WM9707 samples the assertion of SYNC. This falling edge marks the time when both sides of
AC-link are aware of the start of a new audio frame. On the next rising edge of BITCLK, AC’97
transitions SDATAOUT into the first bit position of slot 0 (Valid Frame bit). Each new bit position is
presented to AC-link on a rising edge of BITCLK, and subsequently sampled by the WM9707 on the
following falling edge of BITCLK. This sequence ensures that data transitions and subsequent
sample points for both incoming and outgoing data streams are time aligned.
Baseline AC’97 specified audio functionality MUST ALWAYS sample rate convert to and from a fixed
48ks/s on the AC’97 controller. This requirement is necessary to ensure that interoperability between
the AC’97 controller and the WM9707, among other things, can be guaranteed by definition for
baseline specified AC’97 features.
SDATAOUT’s composite stream is MSB justified (MSB first) with all non-valid slot bit positions
stuffed with 0s by the AC’97 controller.
In the event that there are less than 20 valid bits within an assigned and valid time slot, the AC’97
controller always stuffs all trailing non-valid bit positions of the 20-bit slot with 0s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com