Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9707SCFT/RV Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM9707SCFT/RV
Description  AC 97 Revision 2.1 Audio CODEC with SPDIF Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9707SCFT/RV Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM9707SCFT/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
WM9707
Production Data
w
PD Rev 4.1 June 2006
28
The part will remain in sleep mode with all its registers holding their static values. To wake up the
WM9707, the AC’97 controller will send a pulse on the sync line issuing a warm reset. This will
restart the WM9707’s digital interface (resetting PR4 to 0). The WM9707 can also be woken up with
a cold reset. A cold reset will cause a loss of values of the registers, as a cold reset will set them to
their default states. When a section is powered back on, the Powerdown Control/Status Register
(index 26h) should be read to verify that the section is ready (i.e. stable) before attempting any
operation that requires it.
PR1 = 1
PR2 = 1
PR4 = 1
ADCs OFF
PR0
DACs OFF
PR1
ANALOGUE
OFF PR2
OR PR3
DIGITAL I/F
OFF PR4
WARM RESET
PR1 = 0 AND
DAC = 1
PR2 = 0 AND
ANL = 1
SHUT OFF
CODA LINK
Figure 17 The WM9707 Powerdown/Flow with Analogue Still Alive
Figure 17 illustrates a state when all the mixers should work with the static volume settings that are
contained in their associated registers. This is used when the user could be playing a CD (or external
LINE_IN source) through WM9707 to the speakers but have most of the system in low power mode.
The procedure for this follows the previous except that the analogue mixer is never shut down.
POWERDOWN CONTROL/STATUS REGISTER (INDEX 26h)
Note that in order to go into ultimate low power mode, PR4 and PR5 are required to be set which
turns off the oscillator circuit. Asserting SYNC resets the PR4 and PR5 bit and re-starts the oscillator
in the same was as the AC link is restarted. Note that PR4 is redundant in slave mode.
REVISION 2.1 REGISTERS (INDEX 28h T0 58h)
These registers are specified as to use in Revision 2.1 of the AC’97 specification and have the
following functions on the WM9707:
REGISTER 28h – EXTENDED AUDIO ID
The Extended Audio ID register is a read only register that identifies which extended audio features
are supported (in addition to the original AC’97 features identified by reading the reset register at
index 00h). A non zero value indicates the feature is supported.
DATA BIT
FUNCTION
ANY MODE
VRA
Variable rate audio support
1
DRA
Double rate audio support
0
VRM
Variable rate Mic ADC support
0
CDAC
Centre DAC support
0
SDAC
Surround DAC support
0
LDAC
LFE DAC support
0
AMAP
Slot to front DAC mapping support
0
ID1
CODEC configuration – fixed in 9707
0
ID0
CODEC configuration – pin 45 value
1 (Inverse of level at pin 45)
Table 13 Extended Audio ID Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com