Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9707SCFT/RV Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM9707SCFT/RV
Description  AC 97 Revision 2.1 Audio CODEC with SPDIF Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9707SCFT/RV Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM9707SCFT/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
WM9707
Production Data
w
PD Rev 4.1 June 2006
29
REGISTER 2Ah – EXTENDED AUDIO STATUS AND CONTROL REGISTER
The Extended Audio Status and Control Register is a read/write register that provides status and
control of the extended audio features.
DATA BIT
FUNCTION
READ/WRITE
WM9707 SUPPORT
VRA
Enables variable rate audio mode
Read/write
Yes
DRA
Enable double rate audio mode
Read/write
No
VRM
Enables variable rate Mic ADC
Read/write
No
CDAC
Indicates centre DAC ready
Read
No
SDAC
Indicates surround DAC ready
Read
No
LDAC
Indicates LFE DAC ready
Read
No
MADC
Indicates Mic ADC ready
Read
No
PRI
Set to turn off centre DAC
Read/write
No
PRJ
Set to turn off surround DACs
Read/write
No
PRK
Set to turn off LFE DACs
Read/write
No
PRL
Set to turn off Mic ADC
Read/write
No
Table 14 Extended Audio Status and Control Register
REGISTER 2Ch TO 32h – AUDIO SAMPLE RATE CONTROL REGISTERS
These registers are read/write registers that are written to, to select alternative sample rates for the
audio PCM converters. Default is the 48ks/s rate. Note that only Revision 2.1 recommended rates
are supported by the WM9707, selection of any other unsupported rates will cause the rate to default
to the nearest supported rate, and the supported rate value to be latched and so read back.
Note that the SPDIF mode only supports 48ks/s rate.
REGISTERS 36h AND 38h – 6 CHANNEL VOLUME CONTROL
These read/write registers control the output volume of the optional four PCM channels. (not
supported by the WM9707)
VENDOR RESERVED REGISTERS (INDEX 5Ah - 7Ah)
These registers are vendor specific. Do not write to these registers unless the Vendor ID register has
been checked first to ensure that the driver knows the source of the AC ‘97 component.
SPDIF DIGITAL AUDIO DATA OUTPUT – (INDEX 5Ch)
The WM9707 provides an SPDIF output. In order to enable this output, bit SPDF in Register 5Ch
should be set. Additionally, a bit SCMS in Register 5Ch may also be set, which sets the copyright
flag in the IEC958 data, allowing serial copy protect mechanisms to be removed.
The WM9707 can be programmed to automute the DACs. By setting the mute bit, the WM9707 will
mute the DACs when it detects a continuous sequence of 1024 zeros. Register 5Ch contains four
vendor specific control bits.
DATA BIT
FUNCTION
AME
Setting this bit enables the automute function which causes the DAC PGAs (Reg 18) to
mute when the data input is zero for 1024 bits.
SPDE
Setting this enables the SPDIF output. It can also be enabled by raising the SPDEN pin
(Pin 47) to DVDD.
SPDC
This enables the copyright protect bit in the SPDIF data stream.
HPFD
Setting this bit disables the HPF on the ADC path.
Table 15 SPDIF Digital Audio Data Output and Automute Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com