Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9707SCFT/RV Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM9707SCFT/RV
Description  AC 97 Revision 2.1 Audio CODEC with SPDIF Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9707SCFT/RV Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM9707SCFT/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
WM9707
Production Data
w
PD Rev 4.1 June 2006
22
SYNC
BITCLK
SDATAIN
CODEC
READY
SLOT (1)
SLOT (2)
WM9703 SAMPLES
SYNC ASSERTION HERE
AC'97 CONTROLLER
SAMPLES FIRST SDATA_IN
BIT OF FRAME HERE
END OF PREVIOUS AUDIO FRAME
Figure 15 Start of an Audio Input Frame
A new audio input frame begins with a low to high transition of SYNC as shown in Figure 15. SYNC
is synchronous to the rising edge of BITCLK. On the immediately following falling edge of BITCLK,
AC’97 samples the assertion of SYNC. This falling edge marks the time when both sides of AC-link
are aware of the start of a new audio frame.
On the next rising of BITCLK, AC’97 transitions
SDATAIN into the first bit position of slot 0 (“CODEC Ready” bit). Each new bit position is presented
to AC-link on a rising edge of BITCLK, and subsequently sampled by the AC’97 Controller on the
following falling edge of BITCLK.
This sequence ensures that data transitions and subsequent
sample points for both incoming and outgoing data streams are time aligned.
SDATAIN’s composite stream is MSB justified (MSB first) with all non-valid bit positions (for assigned
and/or unassigned time slots) stuffed with 0s by the WM9707. SDATAIN should be sampled on the
falling edges of BITCLK.
SLOT 1: STATUS ADDRESS PORT
The status port is used to monitor status for the WM9707 functions including, but not limited to, mixer
settings, and power management.
Audio input frame slot 1 echoes the control register index, for historical reference, for the data to
be returned in slot 2. (Assuming that slots 1 and 2 had been tagged valid by the WM9707 during slot
0).
STATUS ADDRESS PORT BIT ASSIGNMENTS:
Bit (19)
RESERVED (stuffed with 0s)
Bit (18:12)
Control register index (echo of register index for which data is
being returned)
Bit (11:2)
Variable sample rate SLOTREQ bits.
Bit (1:0)
RESERVED (stuffed with 0s)
The first bit (MSB) generated by the WM9707 is always stuffed with a 0. The following 7 bit positions
communicate the associated control register address. The next 10 bits support the AC’97 Rev 2.1
variable sample rate signalling protocol, and the trailing 2 bit positions are stuffed with 0s by AC’97.
SLOT 2: STATUS DATA PORT
The status data port delivers 16-bit control register read data.
Bit (19:4)
Control register read data (stuffed with 0s if tagged invalid by
WM9701)
Bit (3:0)
RESERVED (stuffed with 0s)
If slot 2 is tagged invalid by the WM9707, then the entire slot will be stuffed with 0s by the WM9707.
SLOT 3: PCM RECORD LEFT CHANNEL
Audio input frame slot 3 is the left channel output of the WM9707’s input Mux, post-ADC.
The WM9707 sends out its ADC output data (MSB first), and stuffs any trailing non-valid bit positions
with 0s to fill out its 20-bit time slot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com