Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC130M02DFMR Datasheet(PDF) 33 Page - Texas Instruments

Part # AMC130M02DFMR
Description  AMC130M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC130M02DFMR Datasheet(HTML) 33 Page - Texas Instruments

Back Button AMC130M02DFMR Datasheet HTML 29Page - Texas Instruments AMC130M02DFMR Datasheet HTML 30Page - Texas Instruments AMC130M02DFMR Datasheet HTML 31Page - Texas Instruments AMC130M02DFMR Datasheet HTML 32Page - Texas Instruments AMC130M02DFMR Datasheet HTML 33Page - Texas Instruments AMC130M02DFMR Datasheet HTML 34Page - Texas Instruments AMC130M02DFMR Datasheet HTML 35Page - Texas Instruments AMC130M02DFMR Datasheet HTML 36Page - Texas Instruments AMC130M02DFMR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
POR sequence
DVDD
supply
present?
Yes
No
No
Yes
DRDY high?
Configure registers:
CLK_DIV[1:0]
DCDC_FREQ[3:0]
All other configurations as needed
Set DCDC_EN = 1b
No
Yes
External clock
provided at
CLKIN pin?
Send NULL command or RREG
command to read from STATUS
register
No
Yes
SEC_FAIL status
bit is low?
Power supply DVDD on
primary (low) side not
valid
Power supply
HLDO_OUT on
secondary (high) side
not valid
ADC is generating conversion
data
No
Yes
DRDY pin or
DRDY status bit
is low?
ADC conversion is
ongoing
New, valid conversion data is
available to read via SPI
DVDD
supply
present?
No
Yes
Power down
Device is still
powered
Device was
powered down
No
Yes
Digital filter is
settled?
ADC data
is not settled
Figure 8-17. Flow Diagram for Start-Up Procedure at Power-Up
www.ti.com
AMC130M02
SBASAN9 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: AMC130M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com