Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC130M02DFMR Datasheet(PDF) 78 Page - Texas Instruments

Part # AMC130M02DFMR
Description  AMC130M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC130M02DFMR Datasheet(HTML) 78 Page - Texas Instruments

Back Button AMC130M02DFMR Datasheet HTML 74Page - Texas Instruments AMC130M02DFMR Datasheet HTML 75Page - Texas Instruments AMC130M02DFMR Datasheet HTML 76Page - Texas Instruments AMC130M02DFMR Datasheet HTML 77Page - Texas Instruments AMC130M02DFMR Datasheet HTML 78Page - Texas Instruments AMC130M02DFMR Datasheet HTML 79Page - Texas Instruments AMC130M02DFMR Datasheet HTML 80Page - Texas Instruments AMC130M02DFMR Datasheet HTML 81Page - Texas Instruments AMC130M02DFMR Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 88 page
background image
9.3 Power Supply Recommendations
The AMC130M02 is powered from the low-side power supply (DVDD) with a nominal value of 3.3 V (or 5 V) ±
10%. Place a low-ESR decoupling capacitor of 1 nF (C15 in Figure 9-8) as close as possible to the DVDD pin,
followed by a 1-µF capacitor (C16) to filter this power-supply path.
The low-side power supply (DVDD) is the only external supply required to operate the AMC130M02. All internal
voltage supplies and secondary (high-side) supplies are generated by the integrated DC/DC converter and the
high-side LDO, such as the supply voltage at the output pins, DCDC_OUT and HLDO_OUT.
The primary-side of the DC/DC converter is decoupled with a low-ESR, 100-nF capacitor (C17) positioned close
to the device between the DCDC_CAP and DGND pins. Use a 1-µF capacitor (C6) to decouple the high-side in
addition to a low-ESR, 1-nF capacitor (C1) placed as close as possible to the device and connected between the
DCDC_OUT and DCDC_HGND pins.
For improved EMI performance, place a ferrite bead between the DCDC_OUT and HLDO_IN pins (F1) and the
DCDC_HGND and HGND pins (F2), respectively.
For the high-side LDO, use low-ESR capacitors of 1 nF (C11) placed as close as possible to the AMC130M02,
followed by a 100-nF decoupling capacitor (C13) between the HLDO_OUT and HGND pins.
The ground reference for the high-side (HGND) is derived from the terminal of the shunt resistor that is
connected to the negative input (AIN0N) of the device. For best DC accuracy, use a separate trace to make
this connection instead of shorting HGND to AIN0N directly at the device input.
DVDD
DCDC_OUT
DCDC_HGND
DCDC_CAP
DGND
HGND
GPO
AIN1P
Phase
Neutral
SCLK
DOUT
DIN
CS
DRDY
SYNC/RESET
AIN0N
AIN1N
AIN0P
CLKIN
HLDO_OUT
ISO GND
HLDO_IN
Ferrite
F1
GND
C15
1 nF
C16
1 µF
C17
100 nF
C11
1 nF
C13
100 nF
C1
1 nF
C6
1 µF
C10
1 nF
C24
100 nF
C9
4.7 nF
R9
49.9
R8
49.9
Low side supply
3.0 V to 5.5 V
R19
100 k
R32
100 k
R18
100 k
R15
100 k
to uC
to uC
from uC
from uC
from uC
from uC
R7
49.9
R6
49.9
C8
4.7 nF
from uC
Ferrite
F2
Resonator and
Driver
LDO
LDO
Rectifier
Control &
Serial
Interface
1.2-V
Reference
ADC
+
–
Gain &
Offset
Calibration
Phase
Shift &
Digital
Filter
ADC
Gain &
Offset
Calibration
Phase
Shift &
Digital
Filter
+
–
Clock
Generation
Figure 9-8. Power Supply Decoupling the AMC130M02
Capacitors must provide adequate effective capacitance under the applicable DC bias conditions they
experience in the application. MLCC capacitors typically exhibit only a fraction of the nominal capacitance under
real-world conditions and this factor must be taken into consideration when selecting these capacitors. This
problem is especially acute in low-profile capacitors, in which the dielectric field strength is higher than in taller
components. Reputable capacitor manufacturers provide capacitance versus DC bias curves that greatly simplify
component selection.
Table 9-3 lists components suitable for use with the AMC130M02. This list is not exhaustive. Other components
can exist that are equally suitable (or better), however these listed components have been validated during the
development of the AMC130M02.
AMC130M02
SBASAN9 – SEPTEMBER 2023
www.ti.com
78
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC130M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com