Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC130M02DFMR Datasheet(PDF) 68 Page - Texas Instruments

Part # AMC130M02DFMR
Description  AMC130M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC130M02DFMR Datasheet(HTML) 68 Page - Texas Instruments

Back Button AMC130M02DFMR Datasheet HTML 64Page - Texas Instruments AMC130M02DFMR Datasheet HTML 65Page - Texas Instruments AMC130M02DFMR Datasheet HTML 66Page - Texas Instruments AMC130M02DFMR Datasheet HTML 67Page - Texas Instruments AMC130M02DFMR Datasheet HTML 68Page - Texas Instruments AMC130M02DFMR Datasheet HTML 69Page - Texas Instruments AMC130M02DFMR Datasheet HTML 70Page - Texas Instruments AMC130M02DFMR Datasheet HTML 71Page - Texas Instruments AMC130M02DFMR Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
8.6.18 REGMAP_CRC Register (Address = 3Eh) [Reset = 0000h]
Return to the Summary Table.
Figure 8-48. REGMAP_CRC Register
15
14
13
12
11
10
9
8
REG_CRC[15:0]
R-0000000000000000b
7
6
5
4
3
2
1
0
REG_CRC[15:0]
R-0000000000000000b
Table 8-32. REGMAP_CRC Register Field Descriptions
Bit
Field
Type
Reset
Description
15:0
REG_CRC[15:0]
R
0000000000000
000b
Register map CRC value
AMC130M02
SBASAN9 – SEPTEMBER 2023
www.ti.com
68
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC130M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com