Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8611ARM-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8611ARM-R2
Description  Ultrafast, 4 ns Single-Supply Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8611ARM-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8611ARM-R2 Datasheet HTML 1Page - Analog Devices AD8611ARM-R2 Datasheet HTML 2Page - Analog Devices AD8611ARM-R2 Datasheet HTML 3Page - Analog Devices AD8611ARM-R2 Datasheet HTML 4Page - Analog Devices AD8611ARM-R2 Datasheet HTML 5Page - Analog Devices AD8611ARM-R2 Datasheet HTML 6Page - Analog Devices AD8611ARM-R2 Datasheet HTML 7Page - Analog Devices AD8611ARM-R2 Datasheet HTML 8Page - Analog Devices AD8611ARM-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8611/AD8612
Rev. A | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Total Analog Supply Voltage
7.0 V
Digital Supply Voltage
7.0 V
Input Voltage1
±4 V
Differential Input Voltage
±5 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
R, RU, RM Packages
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
R, RU, RM Packages
−65°C to +150°C
Lead Temperature Range (Soldering, 10 sec)
300°C
1The analog input voltage is equal to ±4 V or the analog supply voltage,
whichever is less.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 4.
Package Type
θJA1
θJC
Unit
8-Lead SOIC (R)
158
43
°C/W
8-Lead MSOP (RM)
240
43
°C/W
14-Lead TSSOP (RU)
240
43
°C/W
1θJA is specified for the worst-case conditions, that is, a device in socket for
P-DIP and a device soldered in circuit board for SOIC and TSSOP.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com