Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8611ARM-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8611ARM-R2
Description  Ultrafast, 4 ns Single-Supply Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8611ARM-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8611ARM-R2 Datasheet HTML 1Page - Analog Devices AD8611ARM-R2 Datasheet HTML 2Page - Analog Devices AD8611ARM-R2 Datasheet HTML 3Page - Analog Devices AD8611ARM-R2 Datasheet HTML 4Page - Analog Devices AD8611ARM-R2 Datasheet HTML 5Page - Analog Devices AD8611ARM-R2 Datasheet HTML 6Page - Analog Devices AD8611ARM-R2 Datasheet HTML 7Page - Analog Devices AD8611ARM-R2 Datasheet HTML 8Page - Analog Devices AD8611ARM-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8611/AD8612
Rev. A | Page 3 of 20
SPECIFICATIONS
V+ = 5.0 V, V− = VGND = 0 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
1
7
mV
−40°C ≤ TA ≤ +85°C
8
mV
Offset Voltage Drift
ΔVOS/ΔT
4
μV/°C
Input Bias Current
IB
VCM = 0 V
–6
–4
μA
IB
−40°C ≤ TA ≤ +85°C
–7
–4.5
μA
Input Offset Current
IOS
VCM = 0 V
±4
μA
Input Common-Mode Voltage Range
VCM
0.0
3.0
V
Common-Mode Rejection Ratio
CMRR
0 V ≤ VCM ≤ 3.0 V
55
85
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ
3000
V/V
Input Capacitance
CIN
3.0
pF
LATCH ENABLE INPUT
Logic 1 Voltage Threshold
VIH
VCC > 4.3 V
2.0
1.65
V
Logic 0 Voltage Threshold
VIL
VCC > 4.3 V
1.60
0.8
V
Logic 1 Current
IIH
VCC > 4.3 V, VLH = 3.0 V
–1.0
–0.3
μA
Logic 0 Current
IIL
VCC > 4.3 V, VLL = 0.3 V
–5
–2.7
μA
Latch Enable
Pulse Width
tPW(E)
VCC > 4.3 V
3
ns
Setup Time
tS
VCC > 4.3 V
0.5
ns
Hold Time
tH
VCC > 4.3 V
0.5
ns
DIGITAL OUTPUTS
Logic 1 Voltage
VOH
IOH = 50 μA, ΔVIN > 250 mV
3.0
3.35
V
Logic 1 Voltage
VOH
IOH = 3.2 mA, ΔVIN > 250 mV
2.4
3.4
V
Logic 0 Voltage
VOL
IOL = 3.2 mA, ΔVIN > 250 mV
0.25
0.4
V
DYNAMIC PERFORMANCE
Input Frequency
fMAX
400 mV p-p sine wave
100
MHz
Propagation Delay
tP
200 mV step with 100 mV overdrive1
4.0
5.5
ns
−40°C ≤ TA ≤ +85°C
5
ns
Propagation Delay
tP
100 mV step with 5 mV overdrive
5
ns
Differential Propagation Delay
(Rising Propagation Delay vs.
Falling Propagation Delay)
ΔtP
100 mV step with 100 mV overdrive1
0.5
2.0
ns
Rise Time
20% to 80%
2.5
ns
Fall Time
80% to 20%
1.1
ns
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
4.5 V ≤ V+ ≤ 5.5 V
55
73
dB
V+ Supply Current2
I+
5.7
10
mA
−40°C ≤ TA ≤ +85°C
10
Ground Supply Current2
IGND
VO = 0 V, RL = ∞
3.5
7
mA
−40°C ≤ TA ≤ +85°C
7
mA
V− Supply Current2
I−
2.2
4
mA
−40°C ≤ TA ≤ +85°C
5
mA
1 Guaranteed by design.
2 Per comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com