Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8611ARM-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8611ARM-R2
Description  Ultrafast, 4 ns Single-Supply Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8611ARM-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8611ARM-R2 Datasheet HTML 5Page - Analog Devices AD8611ARM-R2 Datasheet HTML 6Page - Analog Devices AD8611ARM-R2 Datasheet HTML 7Page - Analog Devices AD8611ARM-R2 Datasheet HTML 8Page - Analog Devices AD8611ARM-R2 Datasheet HTML 9Page - Analog Devices AD8611ARM-R2 Datasheet HTML 10Page - Analog Devices AD8611ARM-R2 Datasheet HTML 11Page - Analog Devices AD8611ARM-R2 Datasheet HTML 12Page - Analog Devices AD8611ARM-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8611/AD8612
Rev. A | Page 9 of 20
TEMPERATURE (°C)
0
–0.5
–4.5
50
100
0
50
VS = 3V
–3.0
–3.5
–4.0
–1.5
–2.0
–1.0
VS = 5V
–2.5
Figure 19. IGND vs. Temperature
TEMPERATURE (°C)
0
–3.0
–60
100
–40
–20
0
20406080
–0.5
–1.0
–1.5
–2.0
–2.5
VS = 3V
VS = 5V
Figure 20. ISY− vs. Temperature
TIME (2ns/DIV)
0V
VOUT
VIN
–VIN TRACE @ 10mV/DIV
VOUT TRACE @ 1V/DIV
V+ = 5V
TA = 25°C
Figure 21. Rising Edge Response
TIME (2ns/DIV)
0V
–VIN TRACE @ 10mV/DIV
VOUT TRACE @ 1V/DIV
VIN
VOUT
V+ = 5V
TA = 25°C
Figure 22. Falling Edge Response
TIME (4ns/DIV)
0V
VIN
VOUT
–VIN TRACE @ 10mV/DIV
VOUT TRACE @ 1V/DIV
V+ = 5V
TA = 25°C
Figure 23. Response to a 50 MHz, 100 mV Input Sine Wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com