Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8611ARM-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8611ARM-R2
Description  Ultrafast, 4 ns Single-Supply Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8611ARM-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8611ARM-R2 Datasheet HTML 2Page - Analog Devices AD8611ARM-R2 Datasheet HTML 3Page - Analog Devices AD8611ARM-R2 Datasheet HTML 4Page - Analog Devices AD8611ARM-R2 Datasheet HTML 5Page - Analog Devices AD8611ARM-R2 Datasheet HTML 6Page - Analog Devices AD8611ARM-R2 Datasheet HTML 7Page - Analog Devices AD8611ARM-R2 Datasheet HTML 8Page - Analog Devices AD8611ARM-R2 Datasheet HTML 9Page - Analog Devices AD8611ARM-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8611/AD8612
Rev. A | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
V+
IN+
V–
IN–
QA
QA
GND
LATCH
1
2
3
4
8
7
6
5
AD8611
TOP VIEW
(Not to Scale)
QA
V+ 1
IN+ 2
IN– 3
V– 4
8
QA
7
GND
6
LATCH
5
AD8611
TOP VIEW
(Not to Scale)
GND
LEA
V–
INA–
INA+
GND
LEB
V+
INB–
INB+
QA
QA
QB
QB
1
2
3
4
5
6
7
AD8612
14
13
12
11
10
9
8
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead Narrow Body SOIC Pin Configuration
Figure 5. 8-Lead MSOP Pin Configuration
Figure 6. 14-Lead TSSOP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
SOIC and
MSOP
TSSOP
Mnemonic
Description
1
10
V+
Positive Supply Terminal.
2
IN+
Noninverting Analog Input of the Differential Input Stage.
3
IN−
Inverting Analog Input of the Differential Input Stage.
4
5
V−
Negative Supply Terminal.
5
LATCH
Latch Enable Input.
6
3, 12
GND
Negative Logic Supply
7
1
QA
One of Two Complementary Output for Channel A.
8
2
QA
One of Two Complementary Output for Channel A.
14
QB
One of Two Complementary Output for Channel B.
13
QB
One of Two Complementary Output for Channel B.
4
LEA
Channel A Latch Enable.
11
LEB
Channel B Latch Enable.
7
INA+
Noninverting Analog Input of the Differential Input Stage for Channel A.
6
INA−
Inverting Analog Input of the Differential Input Stage for Channel A.
8
INB+
Noninverting Analog Input of the Differential Input Stage for Channel B.
9
INB−
Inverting Analog Input of the Differential Input Stage for Channel B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com