Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628ARM Datasheet(PDF) 5 Page - Analog Devices

Part # AD628ARM
Description  High Common-Mode Voltage, Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628ARM Datasheet(HTML) 5 Page - Analog Devices

  AD628ARM Datasheet HTML 1Page - Analog Devices AD628ARM Datasheet HTML 2Page - Analog Devices AD628ARM Datasheet HTML 3Page - Analog Devices AD628ARM Datasheet HTML 4Page - Analog Devices AD628ARM Datasheet HTML 5Page - Analog Devices AD628ARM Datasheet HTML 6Page - Analog Devices AD628ARM Datasheet HTML 7Page - Analog Devices AD628ARM Datasheet HTML 8Page - Analog Devices AD628ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD628
Rev. F | Page 5 of 20
TA = 25°C, VS = 5 V, RL = 2 kΩ, REXT1 = 10 kΩ, REXT2 = ∞, VREF = 2.5, unless otherwise noted.
Table 2.
AD628AR
AD628ARM
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DIFFERENTIAL AND OUTPUT AMPLIFIER
Gain Equation
G = +0.1(1+ REXT1/REXT2)
V/V
Gain Range
See Figure 29
0.11
100
0.11
100
V/V
Offset Voltage
VCM = 2.25 V; RTI of input pins2;
output amplifier G = +1
−3.0
+3.0
−3.0
+3.0
mV
vs. Temperature
6
15
6
15
μV/°C
CMRR3
RTI of input pins; G = +0.1 to +100
75
75
dB
500 Hz
75
75
dB
Minimum CMRR Over Temperature
−40°C to +85°C
70
70
dB
vs. Temperature
1
4
1
4
(μV/V)/°C
PSRR (RTI)
VS = 4.5 V to 10 V
77
94
77
94
dB
Input Voltage Range
Common Mode4
−12
+17
−12
+17
V
Differential
−15
+15
−15
+15
V
Dynamic Response
Small Signal Bandwidth – 3 dB
G = +0.1
440
440
kHz
Full Power Bandwidth
30
30
kHz
Settling Time
G = +0.1; to 0.01%, 30 V step
15
15
μs
Slew Rate
0.3
0.3
V/μs
Noise (RTI)
Spectral Density
1 kHz
350
350
nV/√Hz
0.1 Hz to 10 Hz
15
15
μV p-p
DIFFERENTIAL AMPLIFIER
Gain
0.1
0.1
V/V
Error
–0.1
+0.01
+0.1
–0.1
+0.01
+0.1
%
Nonlinearity
3
3
ppm
vs. Temperature
3
10
3
10
ppm
Offset Voltage
RTI of input pins
−2.5
+2.5
−2.5
+2.5
mV
vs. Temperature
10
10
μV/°C
Input Impedance
Differential
220
220
kΩ
Common Mode
55
55
kΩ
CMRR5
RTI of input pins; G = +0.1 to +100
75
75
dB
500 Hz
75
75
dB
Minimum CMRR Over Temperature
−40°C to +85°C
70
70
dB
vs. Temperature
1
4
1
4
(μV/V)/°C
Output Resistance
10
10
kΩ
Error
−0.1
+0.1
−0.1
+0.1
%
OUTPUT AMPLIFIER
Gain Equation
G = (1 + REXT1/REXT2)
V/V
Nonlinearity
G = +1, VOUT = 1 V to 4 V
0.5
0.5
ppm
Output Offset Voltage
RTI of output amplifier
−0.15
0.15
−0.15
0.15
mV
vs. Temperature
0.6
0.6
μV/°C
Output Voltage Swing
RL = 10 kΩ
0.9
4.1
0.9
4.1
V
RL = 2 kΩ
1
4
1
4
V
Bias Current
1.5
3
1.5
3
nA
Offset Current
0.2
0.5
0.2
0.5
nA
CMRR
VCM = 1 V to 4 V
130
130
dB
Open-Loop Gain
VOUT = 1 V to 4 V
130
130
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com