Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628ARM Datasheet(PDF) 3 Page - Analog Devices

Part # AD628ARM
Description  High Common-Mode Voltage, Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628ARM Datasheet(HTML) 3 Page - Analog Devices

  AD628ARM Datasheet HTML 1Page - Analog Devices AD628ARM Datasheet HTML 2Page - Analog Devices AD628ARM Datasheet HTML 3Page - Analog Devices AD628ARM Datasheet HTML 4Page - Analog Devices AD628ARM Datasheet HTML 5Page - Analog Devices AD628ARM Datasheet HTML 6Page - Analog Devices AD628ARM Datasheet HTML 7Page - Analog Devices AD628ARM Datasheet HTML 8Page - Analog Devices AD628ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD628
Rev. F | Page 3 of 20
SPECIFICATIONS
TA = 25°C, VS = ±15 V, RL = 2 kΩ, REXT1 = 10 kΩ, REXT2 = ∞, VREF = 0, unless otherwise noted.
Table 1.
AD628AR
AD628ARM
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DIFFERENTIAL AND OUTPUT AMPLIFIER
Gain Equation
G = +0.1(1+ REXT1/REXT2)
V/V
Gain Range
See Figure 29
0.11
100
0.11
100
V/V
Offset Voltage
VCM = 0 V; RTI of input pins2;
output amplifier G = +1
−1.5
+1.5
−1.5
+1.5
mV
vs. Temperature
4
8
4
8
μV/°C
CMRR3
RTI of input pins;
G = +0.1 to +100
75
75
dB
500 Hz
75
75
dB
Minimum CMRR Over Temperature
−40°C to +85°C
70
70
dB
vs. Temperature
1
4
1
4
(μV/V)/°C
PSRR (RTI)
VS = ±10 V to ±18 V
77
94
77
94
dB
Input Voltage Range
Common Mode
−120
+120
−120
+120
V
Differential
−120
+120
−120
+120
V
Dynamic Response
Small Signal Bandwidth −3 dB
G = +0.1
600
600
kHz
Full Power Bandwidth
5
5
kHz
Settling Time
G = +0.1, to 0.01%, 100 V step
40
40
μs
Slew Rate
0.3
0.3
V/μs
Noise (RTI)
Spectral Density
1 kHz
300
300
nV/√Hz
0.1 Hz to 10 Hz
15
15
μV p-p
DIFFERENTIAL AMPLIFIER
Gain
0.1
0.1
V/V
Error
−0.1
+0.01
+0.1
−0.1
+0.01
+0.1
%
vs. Temperature
5
5
ppm/°C
Nonlinearity
5
5
ppm
vs. Temperature
3
10
3
10
ppm
Offset Voltage
RTI of input pins
−1.5
+1.5
−1.5
+1.5
mV
vs. Temperature
8
8
μV/°C
Input Impedance
Differential
220
220
kΩ
Common Mode
55
55
kΩ
CMRR4
RTI of input pins;
G = +0.1 to +100
75
75
dB
500 Hz
75
75
dB
Minimum CMRR Over Temperature
−40°C to +85°C
70
70
dB
vs. Temperature
1
4
1
4
(μV/V)/°C
Output Resistance
10
10
kΩ
Error
−0.1
+0.1
−0.1
+0.1
%
OUTPUT AMPLIFIER
Gain Equation
G = (1 + REXT1/REXT2)
V/V
Nonlinearity
G = +1, VOUT = ±10 V
0.5
0.5
ppm
Offset Voltage
RTI of output amp
−0.15
+0.15
−0.15
+0.15
mV
vs. Temperature
0.6
0.6
μV/°C
Output Voltage Swing
RL = 10 kΩ
−14.2
+14.1
−14.2
+14.1
V
RL = 2 kΩ
−13.8
+13.6
−13.8
+13.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com