Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628ARM Datasheet(PDF) 13 Page - Analog Devices

Part # AD628ARM
Description  High Common-Mode Voltage, Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628ARM Datasheet(HTML) 13 Page - Analog Devices

Back Button AD628ARM Datasheet HTML 9Page - Analog Devices AD628ARM Datasheet HTML 10Page - Analog Devices AD628ARM Datasheet HTML 11Page - Analog Devices AD628ARM Datasheet HTML 12Page - Analog Devices AD628ARM Datasheet HTML 13Page - Analog Devices AD628ARM Datasheet HTML 14Page - Analog Devices AD628ARM Datasheet HTML 15Page - Analog Devices AD628ARM Datasheet HTML 16Page - Analog Devices AD628ARM Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD628
Rev. F | Page 13 of 20
TEST CIRCUITS
+IN
–IN
OUT
+
–
AD829
G = +100
+IN
–IN
G = +0.1
+
–
AD707
–IN
+IN
100k
Ω
FET
PROBE
HP3589A
SPECTRUM ANALYZER
CFILT
–VS
VREF
100k
Ω
RG
10k
Ω
10k
Ω
10k
Ω
AD628
+VS
Figure 25. CMRR vs. Frequency
+IN
100k
Ω
CFILT
VREF
AD628
+VS
+IN
–IN
OUT
–VS
RG
+
–
AD829
+IN
–IN
G = +0.1
G = +100
G = +100
SCOPE
10k
Ω
–IN
100k
Ω
10k
Ω
10k
Ω
20
Ω
+15V
1 VAC
Figure 26. PSRR vs. Frequency
6
2
3
1
8
7
5
4
+IN
100k
Ω
CFILT
VREF
10k
Ω
AD628
+VS
HP3561A
SPECTRUM ANALYZER
10k
Ω
10k
Ω
+IN
–IN
G = +0.1
+IN
–IN
–IN
100k
Ω
10k
Ω
10k
Ω
OUT
–VS
RG
Figure 27. Noise Tests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com