Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD628ARM
Description  High Common-Mode Voltage, Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD628ARM Datasheet HTML 11Page - Analog Devices AD628ARM Datasheet HTML 12Page - Analog Devices AD628ARM Datasheet HTML 13Page - Analog Devices AD628ARM Datasheet HTML 14Page - Analog Devices AD628ARM Datasheet HTML 15Page - Analog Devices AD628ARM Datasheet HTML 16Page - Analog Devices AD628ARM Datasheet HTML 17Page - Analog Devices AD628ARM Datasheet HTML 18Page - Analog Devices AD628ARM Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD628
Rev. F | Page 15 of 20
APPLICATIONS
GAIN ADJUSTMENT
The AD628 system gain is provided by an architecture
consisting of two amplifiers. The gain of the input stage
is fixed at 0.1; the output buffer is user-adjustable as
GA2 = 1 + REXT1/REXT2. The system gain is then
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
=
EXT2
EXT1
TOTAL
R
R
G
1
0.1
(1)
At a 2 nA maximum, the input bias current of the buffer amplifier
is very low and any offset voltage induced at the buffer amplifier
by its bias current may be neglected (2 nA × 10 kΩ = 20 μV).
However, to absolutely minimize bias current effects, select REXT1
and REXT2 so that their parallel combination is 10 kΩ. If practical
resistor values force the parallel combination of REXT1 and REXT2
below 10 kΩ, add a series resistor (REXT3) to make up for the
difference. Table 5 lists several values of gain and corresponding
resistor values.
Table 5. Nearest Standard 1% Resistor Values for
Various Gains1
Total Gain
(V/V)
A2 Gain
(V/V)
REXT1
(Ω)
REXT2
(Ω)
REXT3
(Ω)
0.1
1
10 k
∞
0
0.2
2
20 k
20 k
0
0.25
2.5
25.9 k
18.7 k
0
0.5
5
49.9 k
12.4 k
0
1
10
100 k
11 k
0
2
20
200 k
10.5 k
0
5
50
499 k
10.2 k
0
10
100
1 M
10.2 k
0
1 See
Figure 29.
To set the system gain to less than 0.1, create an attenuator by
placing Resistor REXT4 from Pin 4 (CFILT) to the reference voltage.
A divider is formed by the 10 kΩ resistor that is in series with
the positive input of A2 and Resistor REXT4. A2 is configured for
unity gain.
Using a divider and setting A2 to unity gain yields
1
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
×
=
EXT4
EXT4
DIVIDER
W
R
R
G
kΩ
10
0.1
/
INPUT VOLTAGE RANGE
VREF and the supply voltage determine the common-mode
input voltage range. The relation is expressed by
REF
S
CM
V
V
V
UPPER
10
2
1
11
−
≤
+
)
V
.
–
(
(2)
REF
S
CM
V
V
10
2
1
11
−
+
≥
−
)
V
.
(
V
LOWER
where VS+ is the positive supply, VS− is the negative supply,
and 1.2 V is the headroom needed for suitable performance.
Equation 2 provides a general formula for calculating the
common-mode input voltage range. However, keep the AD628
within the maximum limits listed in Table 1 to maintain
optimal performance. This is illustrated in Figure 30 where the
maximum common-mode input voltage is limited to ±120 V.
Figure 31 shows the common-mode input voltage bounds for
single-supply voltages.
–200
–150
–100
–50
0
50
100
150
200
8
6
24
010
12
1
SUPPLY VOLTAGE (±V)
4
16
MAXIMUM INPUT COMMON-MODE
VOLTAGE WHEN VREF = GND
Figure 30. Input Common-Mode Voltage vs. Supply Voltage
for Dual Supplies
–80
–60
–40
–20
0
20
40
60
80
100
8
6
24
010
12
1
SINGLE-SUPPLY VOLTAGE (V)
4
16
MAXIMUM INPUT COMMON-MODE
VOLTAGE WHEN VREF = MIDSUPPLY
Figure 31. Input Common-Mode Voltage vs.
Supply Voltage for Single Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com