Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1994 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1994
Description  Audio Switching Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1994 Datasheet(HTML) 4 Page - Analog Devices

  AD1994 Datasheet HTML 1Page - Analog Devices AD1994 Datasheet HTML 2Page - Analog Devices AD1994 Datasheet HTML 3Page - Analog Devices AD1994 Datasheet HTML 4Page - Analog Devices AD1994 Datasheet HTML 5Page - Analog Devices AD1994 Datasheet HTML 6Page - Analog Devices AD1994 Datasheet HTML 7Page - Analog Devices AD1994 Datasheet HTML 8Page - Analog Devices AD1994 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD1994
Rev. 0 | Page 4 of 24
Table 5. Power Supplies
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG SUPPLY, AVDD
4.5
5.0
5.5
V
DIGITAL SUPPLY, DVDD
4.5
5.0
5.5
V
POWER TRANSISTOR SUPPLY, PVDD
6.5
8 to 20
22.5
V
RESET/POWER-DOWN CURRENT
RESET held low
AVDD
0.6
1
μA
5 V
DV
7.5
11
μA
5 V
DD
PV
19
40
μA
12 V
DD
QUIESCENT CURRENT
Inputs grounded, nonoverlap = minimum
AV
20
mA
5 V
DD
DV
5.5
mA
5 V
DD
PV
30
mA
12 V
DD
OPERATING CURRENT
VIN = 1 V rms, RL = 6 Ω, PO = 1 W
AV
20
27
mA
5 V
DD
DV
5.5
7
mA
5 V
DD
PV
218
260
mA
12 V
DD
Table 6. Digital I/O
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT LOGIC HIGH
2.0
V
INPUT LOGIC LOW
0.8
V
OUTPUT LOGIC HIGH
2.4
V
@ 4 mA
OUTPUT LOGIC LOW
0.4
V
@ 4 mA
LEAKAGE CURRENT ON DIGITAL OUTPUTS
10
μA
Table 7. Digital Timing
Parameter
Typ
Unit
Test Conditions/Comments
tMD
10
μs
Delay after MUTE is asserted until output stops switching
tUD
34
μs
Delay after MUTE is deasserted until output starts switching
MUTE
OUTx
tUD
tMD
Figure 2. Mute and Unmute Delay Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com