Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1994 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1994
Description  Audio Switching Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1994 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1994 Datasheet HTML 9Page - Analog Devices AD1994 Datasheet HTML 10Page - Analog Devices AD1994 Datasheet HTML 11Page - Analog Devices AD1994 Datasheet HTML 12Page - Analog Devices AD1994 Datasheet HTML 13Page - Analog Devices AD1994 Datasheet HTML 14Page - Analog Devices AD1994 Datasheet HTML 15Page - Analog Devices AD1994 Datasheet HTML 16Page - Analog Devices AD1994 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD1994
Rev. 0 | Page 13 of 24
100
0
10
OUTPUT POWER PER CHANNEL (W)
0.1
1
90
80
70
60
50
40
30
20
10
2 x8Ω LOAD
2 x6Ω LOAD
2 x4Ω LOAD
100
0
10
OUTPUT POWER (W)
0.1
1
90
80
70
60
50
40
30
20
10
1 x4Ω LOAD
1 x3Ω LOAD
1 x2Ω LOAD
Figure 34. Power Efficiency vs. Output Power, Stereo Mode, PVDD = 12 V
Figure 37. Power Efficiency vs. Output Power, Mono Mode, PVDD = 12 V
4.0
0
20
OUTPUT POWER PER CHANNEL (W)
0
2 x8Ω LOAD
2 x6Ω LOAD
2 x4Ω LOAD
3.5
3.0
2.5
2.0
1.5
1.0
0.5
2468
10
12
14
16
18
8
0
40
OUTPUT POWER (W)
0
7
6
5
4
3
2
1
5
101520253035
1 x4Ω LOAD
1 x3Ω LOAD
1x2Ω LOAD
Figure 35. On-Chip Power Dissipation vs.
Output Power, Stereo Mode, PVDD = 12 V
Figure 38. On-Chip Power Dissipation vs.
Output Power, Mono Mode, PVDD = 12 V
250
0
100
MOSFET ON-RESISTANCE (mΩ)
200
150
100
50
120 140 160 180 200 220 240 260 280 300 320 340 360 380 400
P-TYPE 25°C
N-TYPE 25°C
P-TYPE 130°C
N-TYPE 130°C
20
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
20
20k
FREQUENCY (Hz)
0
10
100
50
200
500
1k
2k
5k
10k
Figure 36. Power Supply Rejection Ratio (PSRR) vs. Frequency
Figure 39. Histogram Showing Manufacturing Variation of
R
of the Output MOSFETS at 25°C and 130°C
DS-ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com